Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D70 Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # D70
Description  100 Hz to 50 kHz Fixed Frequency
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D70 Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  D70 Datasheet HTML 1Page - Frequency Devices, Inc. D70 Datasheet HTML 2Page - Frequency Devices, Inc. D70 Datasheet HTML 3Page - Frequency Devices, Inc. D70 Datasheet HTML 4Page - Frequency Devices, Inc. D70 Datasheet HTML 5Page - Frequency Devices, Inc. D70 Datasheet HTML 6Page - Frequency Devices, Inc. D70 Datasheet HTML 7Page - Frequency Devices, Inc. D70 Datasheet HTML 8Page - Frequency Devices, Inc. D70 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
100 Hz to 50 kHz
Fixed Frequency
D70 Series
DIP Filters
8-, 6-, 4-Pole Filters
Description
The D70 Series of small, fixed-frequency, linear
active DIP filters provide high performance linear,
multi-pole filtering in a compact package, with a
broad range of pole configurations. These
Butterworth and Bessel low-pass and Butterworth
high-pass filters combine the excellent performance
of linear multi-pole filter design with the space sav-
ing of the dual in-line package (DIP). Each model
comes factory tuned to a user-specified corner fre-
quency between 100Hz and 50kHz. These fully
self-contained units require no external compo-
nents or adjustments. They operate with dynamic
input voltage range from non-critical ±5V to ±18V
power supplies.
Features/Benefits:
• Compact DIP design minimizes board space
requirements
• Plug-in
ready-to-use,
reducing
engineering
design and manufacturing time
• Factory tuned, no external clocks or adjustments
needed
• Low harmonic distortion and wide signal-to-noise
ratio to 14 bit resolution
• Broad range of pole configurations and corner fre-
quencies to meet a wide range of applications
Applications
• Anti-alias filtering
• Data acquisition systems
• Communication systems and electronics
• Medical electronics equipment and research
• Aerospace, navigation and sonar applications
• Sound and vibration testing
• Real and compressed time data analysis
• Noise elimination
• Signal reconstruction
Available Low-Pass Models: . . . . . . . . . . .Page
D70L8B
8-pole Butterworth . . . . . . . . . . . . . . .2
D70L6B
6-pole Butterworth . . . . . . . . . . . . . . .2
D70L4B
4-pole Butterworth . . . . . . . . . . . . . . .2
D70L8L
8-pole Bessel . . . . . . . . . . . . . . . . . . .3
D70L6L
6-pole Bessel . . . . . . . . . . . . . . . . . . .3
D70L4L
4-pole Bessel . . . . . . . . . . . . . . . . . . .3
Available High-Pass Models:
D70H8B
8-pole Butterworth . . . . . . . . . . . . . . .4
D70H6B
6-pole Butterworth . . . . . . . . . . . . . . .4
D70H4B
4-pole Butterworth . . . . . . . . . . . . . . .4
General Specifications:
Pin-out/package data & ordering information . . . .5


Similar Part No. - D70

ManufacturerPart #DatasheetDescription
logo
Glamox
D70000017 GLAMOX-D70000017 Datasheet
96Kb / 2P
D70-S/P G2 MNT CP2,53X0,75 WH
D70000018 GLAMOX-D70000018 Datasheet
96Kb / 2P
D70-S/P G2 MNT CP5,03X0,75 WH
D70000019 GLAMOX-D70000019 Datasheet
90Kb / 2P
D70-S/P G2 MNT C5.03X0.75 WH
D70000020 GLAMOX-D70000020 Datasheet
90Kb / 2P
D70-S/P G2 MNT C5.05X0.75 WH
D70000024 GLAMOX-D70000024 Datasheet
90Kb / 2P
D70-S/P G2 MNT C2,53X0,75 WH
More results

Similar Description - D70

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NZG5-20K MICRONETICS-NZG5-20K Datasheet
161Kb / 2P
Legacy 100 Hz to 20 kHz
NZG5-100K MICRONETICS-NZG5-100K Datasheet
161Kb / 2P
Legacy 100 Hz to 100 kHz
NZG10-20K MICRONETICS-NZG10-20K Datasheet
161Kb / 2P
Legacy 100 Hz to 20 kHz
NZG10-100K MICRONETICS-NZG10-100K Datasheet
161Kb / 2P
Legacy 100 Hz to 100 kHz
NZG10-500K MICRONETICS-NZG10-500K Datasheet
161Kb / 2P
Legacy 100 Hz to 500 kHz
NZG25-100K MICRONETICS-NZG25-100K Datasheet
161Kb / 2P
Legacy 100 Hz to 100 kHz
NZG25-500K MICRONETICS-NZG25-500K Datasheet
161Kb / 2P
Legacy 100 Hz to 500 kHz
NZG50-100K MICRONETICS-NZG50-100K Datasheet
161Kb / 2P
Legacy 100 Hz to 100 kHz
NZG100-100K MICRONETICS-NZG100-100K Datasheet
161Kb / 2P
Legacy 100 Hz to 100 kHz
NZG150-100K MICRONETICS-NZG150-100K Datasheet
161Kb / 2P
Legacy 100 Hz to 100 kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com