Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1018024 Datasheet(PDF) 6 Page - SICK AG

Part # 1018024
Description  PHOTOELECTRIC SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1018024 Datasheet(HTML) 6 Page - SICK AG

  1018024 Datasheet HTML 1Page - SICK AG 1018024 Datasheet HTML 2Page - SICK AG 1018024 Datasheet HTML 3Page - SICK AG 1018024 Datasheet HTML 4Page - SICK AG 1018024 Datasheet HTML 5Page - SICK AG 1018024 Datasheet HTML 6Page - SICK AG 1018024 Datasheet HTML 7Page - SICK AG 1018024 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WL24-2V240 | W24-2
PHOTOELECTRIC SENSORS
Dimensional drawing (Dimensions in mm (inch))
WL24-2
27
(1.06)
10
(0.39)
M5
11.8
(0.46)
30 (1.18)
65 (2.56)
1
2
3
4
6
7
14
(0.55)
17.5
(0.69)
5
7
①  Alignment sight
②  LED signal strength indicator
③  Center of optical axis, sender
④  Center of optical axis, receiver
⑤  M5 threaded mounting hole, 6 mm deep
⑥  M5 threaded mounting hole, through-hole
⑦  M16 screw fixing and plug rotatable by 90°
Recommended accessories
Other models and accessories
www.sick.com/W24-2
Brief description
Type
Part no.
Universal bar clamp systems
Universal bar clamp for mounting bars with 12 mm diameter, Zinc diecast, without
mounting plate and screws
BEF-KHS-KH3
5322626
Plate N04 for universal clamp, steel, Zinc plated steel (sheet), Zinc die cast (clamping
bracket), Universal clamp (5322626), mounting hardware
BEF-KHS-N04
2051610
Device protection (mechanical)
Water cooling plate
BEF-KP-W24
2015071
1) Customizable
length by sheet.
Width max.
74.9 cm, length
max. 91.4 cm.
6
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-11-09 11:23:44
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com