Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1019466 Datasheet(PDF) 7 Page - SICK AG

Part # 1019466
Description  PHOTOELECTRIC SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1019466 Datasheet(HTML) 7 Page - SICK AG

  1019466 Datasheet HTML 1Page - SICK AG 1019466 Datasheet HTML 2Page - SICK AG 1019466 Datasheet HTML 3Page - SICK AG 1019466 Datasheet HTML 4Page - SICK AG 1019466 Datasheet HTML 5Page - SICK AG 1019466 Datasheet HTML 6Page - SICK AG 1019466 Datasheet HTML 7Page - SICK AG 1019466 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
WL24-2V240S03 | W24-2
PHOTOELECTRIC SENSORS
Brief description
Type
Part no.
Dust protection tube, air-purged, Aluminum (anodised), mounting hardware included
OBS-W24
2015069
Weather hood for universal clamp bracket, steel, zinc coated, mounting hardware in-
cluded
OBW-KHS-M01
2023240
OBW-W24
2015070
Weather hood, Aluminum (anodised), mounting hardware included
WSG1-01
1018470
Mounting brackets and plates
Mounting bracket, small, Stainless steel, without mounting hardware
BEF-WK-W24
4027532
Mounting bracket, Stainless steel (1.4301), mounting hardware included
BEF-WN-W24
2015248
Alignment aids
Adapter for alignment aid AR60
Adapter AR60
for W24-2
4032976
Reflectors
Rectangular, screw connection, 47 mm x 47 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
P250
5304812
Rectangular, screw connection, 38 mm x 15 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL20A
1012719
Rectangular, screw connection, 56 mm x 28 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL30A
1002314
Rectangular, screw connection, 37 mm x 56 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL40A
1012720
Rectangular, screw connection, 80 mm x 80 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL80A
1003865
"Diamond grade" reflective tape, self-adhesive, ready to assemble from the sheet,
74.9 cm x 91.4 cm 1), self-adhesive
REF-DG-K
4019634
Round, screw connection, PMMA/ABS, Center hole mounting, screw-on
C110A
5304549
1) Customizable
length by sheet.
Width max.
74.9 cm, length
max. 91.4 cm.
2017-11-09 11:23:44 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com