Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV9732 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV9732
Description  low power mode (LPM) function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV9732 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV9732 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV9732 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
IP Cameras
Life Style Cameras
¬
¬
Surveillance
Motion Cameras
Applications
¬
¬
¬
¬
¬
support for image sizes:
- full size (1280x720)
- VGA (640x480)
- 2x2 RGB binning (640x360)
support for output formats:
10-bit RAW output
with 1-lane MIPI and DVP
on-chip phase lock loop (PLL)
programmable controls for:
- frame rate
- mirror and flip
- gain/exposure
- windowing
support for horizontal and
vertical sub-sampling
low power mode (LPM) function
capable of maintaining register values
at software power down
standard SCCB interface
GPIO tri-state configurability and
programmable polarity
FSIN
image quality control:
- defect pixel correction (DPC)
- automatic black level calibration (ABLC)
¬
¬
¬
¬
¬
¬
Product Features
Functional Block Diagram
¬
OV09732-H35A
(color, lead-free, 35-pin CSP)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
active array size: 1280 x 720
power supply:
- core: 1.7 ~ 1.9V (1.8V normal)
- analog: 2.7 ~ 2.9V (2.8V normal)
- I/O: 1.7 ~ 1.9V (1.8V normal)
power requirements:
- active: 99 mW
- standby: 36 µW
temperature range:
- operating: -30°C to +70°C junction
temperature
- stable image: 0°C to +50°C junction
temperature
output formats: 10-bit RAW RGB
lens size: 1/4"
lens chief ray angle: 9°
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
input clock frequency: 6 ~ 27 MHz
scan mode: progressive
maximum image transfer rate: 30 fps
sensitivity: 2.066 V/Lux-sec
shutter: rolling shutter
max S/N ratio: 39 dB
dynamic range: 72 dB @ 8x gain
maximum exposure interval: 798 x tROW
pixel size: 3 µm x 3 µm
image area: 3888 µm x 2208 µm
package dimensions:
4704 µm x 2994 µm
Product Specifications
Version 1.2, October, 2017
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision and the OmniVision logo are registered trademarks of
OmniVision Technologies, Inc. CameraChip and OmniPixel3-HS are trademarks of OmniVision
Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV9732
OV9732
image sensor core
image
sensor
processor
image
interface
column
sample/hold
PLL
control register bank
SCCB interface
timing generator and system control logic
gain control
MCN/MCP
MDN/MDP
D[9:0]
PCLK
HREF
image
array
AMP
10-bit
A/D



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com