Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9200ARS Datasheet(PDF) 25 Page - Analog Devices

Part # AD9200ARS
Description  CMOS A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9200ARS Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9200ARS Datasheet HTML 17Page - Analog Devices AD9200ARS Datasheet HTML 18Page - Analog Devices AD9200ARS Datasheet HTML 19Page - Analog Devices AD9200ARS Datasheet HTML 20Page - Analog Devices AD9200ARS Datasheet HTML 21Page - Analog Devices AD9200ARS Datasheet HTML 22Page - Analog Devices AD9200ARS Datasheet HTML 23Page - Analog Devices AD9200ARS Datasheet HTML 24Page - Analog Devices AD9200ARS Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
–24–
AD9200
REV. E
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
48-Lead Plastic Thin Quad Flatpack (LQFP)
(ST-48)
0.354 (9.00) BSC
0.276 (7.0) BSC
1
12
13
25
24
36
37
48
TOP VIEW
(PINS DOWN)
0.011 (0.27)
0.006 (0.17)
0.019 (0.5)
BSC
SEATING
PLANE
0.063 (1.60) MAX
0
° MIN
0
° – 7°
0.006 (0.15)
0.002 (0.05)
0.030 (0.75)
0.018 (0.45)
0.057 (1.45)
0.053 (1.35)
0.030 (0.75)
0.018 (0.45)
0.007 (0.18)
0.004 (0.09)
28-Lead Shrink Small Outline Package (SSOP)
(RS-28)
28
15
14
1
0.407 (10.34)
0.397 (10.08)
PIN 1
SEATING
PLANE
0.008 (0.203)
0.002 (0.050)
0.07 (1.79)
0.066 (1.67)
0.0256
(0.65)
BSC
0.078 (1.98)
0.068 (1.73)
0.015 (0.38)
0.010 (0.25)
0.009 (0.229)
0.005 (0.127)
0.03 (0.762)
0.022 (0.558)
8
°
0
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com