Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD10242 Datasheet(PDF) 3 Page - Analog Devices

Part # AD10242
Description  MCM A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10242 Datasheet(HTML) 3 Page - Analog Devices

  AD10242 Datasheet HTML 1Page - Analog Devices AD10242 Datasheet HTML 2Page - Analog Devices AD10242 Datasheet HTML 3Page - Analog Devices AD10242 Datasheet HTML 4Page - Analog Devices AD10242 Datasheet HTML 5Page - Analog Devices AD10242 Datasheet HTML 6Page - Analog Devices AD10242 Datasheet HTML 7Page - Analog Devices AD10242 Datasheet HTML 8Page - Analog Devices AD10242 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
–2–
AD10242–SPECIFICATIONS
Electrical Characteristics (AV
CC = +5 V; AVEE = –5.0 V; DVCC = +5 V; applies to each ADC, unless otherwise noted.)
Test
Mil
AD10242BZ/TZ
Parameter
Temp
Level
Subgroup
Min
Typ
Max
Unit
RESOLUTION
12
Bits
DC ACCURACY
No Missing Codes
Full
VI
1, 2, 3
Guaranteed
Offset Error
25
°CI
1
–0.5
±0.05
+0.5
% FS
Full
VI
2, 3
–2.0
±1.0
+2.0
% FS
Offset Error Channel Match
Full
V
±0.1
%
Gain Error
1
25
°CI
1
–1.0
±0.5
+1.0
% FS
Full
VI
2, 3
–1.5
±0.8
+1.5
% FS
Gain Error Channel Match
Full
V
±0.1
%
ANALOG INPUT (AIN)
Input Voltage Range
AIN1
Full
I
±0.5
V
AIN2
Full
I
±1.0
V
AIN3
Full
I
±2V
Input Resistance
AIN1
Full
IV
12
99
100
101
Ω
AIN2
Full
IV
12
198
200
202
Ω
AIN3
Full
IV
12
396
400
404
Ω
Input Capacitance
2
25
°CIV
12
0
4.0
7.0
pF
Analog Input Bandwidth
3
Full
V
60
MHz
ENCODE INPUT
4, 5
Logic Compatibility
TTL/CMOS
Logic “1” Voltage
Full
I
1, 2, 3
2.0
5.0
V
Logic “0” Voltage
Full
I
1, 2, 3
0
0.8
V
Logic “1” Current (VINH = 5 V)
Full
I
1, 2, 3
625
800
µA
Logic “0” Current (VINL = 0 V)
Full
I
1, 2, 3
–400
–300
µA
Input Capacitance
25
°CV
12
7.0
pF
SWITCHING PERFORMANCE
Maximum Conversion Rate
6
Full
VI
4, 5, 6
40
50
MSPS
Minimum Conversion Rate
6
Full
V
12
5
MSPS
Aperture Delay (tA)25
°CV
1.0
ns
Aperture Delay Matching
25
°CV
±2.0
ns
Aperture Uncertainty (Jitter)
25
°CV
1
ps rms
ENCODE Pulsewidth High
25
°CIV
12
12
10
ns
ENCODE Pulsewidth Low
25
°CIV
12
10
41
ns
Output Delay (tOD)
Full
IV
12
10
12
14
ns
SNR
7
Analog Input @ 1.2 MHz
25
°CV
68
dB
@ 4.85 MHz
25
°CI
4
63
66
dB
Full
II
5, 6
62
66
dB
@ 9.9 MHz
25
°CI
4
63
65
dB
Full
II
5, 6
62
65
dB
@ 19.5 MHz
25
°CI
4
60
63
dB
Full
II
5, 6
59
62
dB
SINAD
8
Analog Input @ 1.2 MHz
25
°CV
67
dB
@ 4.85 MHz
25
°CI
4
62
65
dB
Full
II
5, 6
61
64
dB
@ 9.9 MHz
25
°CI
4
60
64
dB
Full
II
5, 6
60
63
dB
@ 19.5 MHz
25
°CI
4
58
61
dB
Full
II
5, 6
58
60
dB
REV. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com