| Electronic Components Datasheet Search |
|
ADAU1961WBCPZ-R7 Datasheet(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAU1961WBCPZ-R7 Datasheet(HTML) 39 Page - Analog Devices |
|
39 / 77 page ![]() ADAU1961 Data Sheet Rev. A | Page 38 of 76 I2C Read and Write Operations Figure 50 shows the format of a single-word write operation. Every ninth clock pulse, the ADAU1961 issues an acknowledge by pulling SDA low. Figure 51 shows the format of a burst mode write sequence. This figure shows an example of a write to sequential single-byte registers. The ADAU1961 increments its subaddress register after every byte because the requested subaddress corresponds to a register or memory area with a 1-byte word length. Figure 52 shows the format of a single-word read operation. Note that the first R/W bit is 0, indicating a write operation. This is because the subaddress still needs to be written to set up the internal address. After the ADAU1961 acknowledges the receipt of the subaddress, the master must issue a repeated start command followed by the chip address byte with the R/W bit set to 1 (read). This causes the ADAU1961 SDA to reverse and begin driving data back to the master. The master then responds every ninth pulse with an acknowledge pulse to the ADAU1961. Figure 53 shows the format of a burst mode read sequence. This figure shows an example of a read from sequential single-byte registers. The ADAU1961 increments its subaddress register after every byte because the requested subaddress corresponds to a register or memory area with a 1-byte word length. The ADAU1961 always decodes the subaddress and sets the auto- increment circuit so that the address increments after the appropriate number of bytes. Figure 50 to Figure 53 use the following abbreviations: S = start bit P = stop bit AM = acknowledge by master AS = acknowledge by slave S Chip address, R/W = 0 AS Subaddress high byte AS Subaddress low byte AS Data Byte 1 P Figure 50. Single-Word I2C Write Format S Chip address, R/W = 0 AS Subaddress high byte AS Subaddress low byte AS Data Byte 1 AS Data Byte 2 AS Data Byte 3 AS Data Byte 4 AS … P Figure 51. Burst Mode I2C Write Format S Chip address, R/W = 0 AS Subaddress high byte AS Subaddress low byte AS S Chip address, R/W = 1 AS Data Byte 1 P Figure 52. Single-Word I2C Read Format S Chip address, R/W = 0 AS Subaddress high byte AS Subaddress low byte AS S Chip address, R/W = 1 AS Data Byte 1 AM Data Byte 2 AM … P Figure 53. Burst Mode I2C Read Format |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |