Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MV1001SC Datasheet(PDF) 17 Page - Shindengen Electric Mfg.Co.Ltd

Part # MV1001SC
Description  LED driver IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MV1001SC Datasheet(HTML) 17 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MV1001SC Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 16Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 17Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 18Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 19Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 20Page - Shindengen Electric Mfg.Co.Ltd MV1001SC Datasheet HTML 21Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
MV1001SC
16
Table 3 Recommended rectifier diodes (as of January 2015)
Product name
Withstand
voltage (V)
Io (A)
VF (V)
Cj (pF)
trr (ns)
Manufacturer
Package
M1FL20U
200
1.1
0.98
-
35
Shindengen
M1F
M1FL40U
400
1.5
1.2
11
25
Shindengen
M1F
D1FK60
600
0.8
1.3
11
75
Shindengen
1F
Placing a resistor R12 in series with D3 may reduce the effects of the surge voltage of the auxiliary winding on the Vcc
pin, and reduce Vc voltage increased by the surge voltage.
R10 should be 1 MΩ; R11 should be 220 kΩ.
The Svin and Svout pin waveforms are as shown in Figure 10 when an auxiliary winding is used.
Figure 10 Waveforms of Svin and Svout pins when an auxiliary winding is used
3.3.4
LED open-circuit protection using auxiliary winding
Using the auxiliary winding of the inductor L1 shown in Figure 9 provides protection against output overvoltages due
(for instance) to LED open-circuit. The Vcc pin performs the latch-off function when detecting an overvoltage. It disables
the operation when the Vcc pin voltage reaches 20.7 V (typical). If the auxiliary winding is wound with the polarity shown in
Figure 9, the auxiliary winding voltage is proportional to output voltage; thus, it is possible to indirectly detect an
overvoltage caused by LED open-circuit and to stop the operation.
The following formula gives Vovp, an output voltage at the time of latch-off:
If the difference between the input voltage Vi and the output voltage Vo is small, the Vcc voltage may not reach 20.7 V.
In this case, LED open-circuit protection by the auxiliary winding may fail.
C8
C9
1
2
R10
R11
D3
4
25kΩ
25kΩ
Comp
L1
Vccへ
Nc
Np
-
+
Clamped by the built-in diode
Around 1.5V
V
t
0
Around 0.3V
Vo
Vc
20.7
Vovp
Clamped by the built-in diode
CAT.No.1A0102-1E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com