Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMP389J55 Datasheet(PDF) 14 Page - World Produts Inc.

Part # PCMP389J55
Description  Low loss dielectric
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP389J55 Datasheet(HTML) 14 Page - World Produts Inc.

Back Button PCMP389J55 Datasheet HTML 8Page - World Produts Inc. PCMP389J55 Datasheet HTML 9Page - World Produts Inc. PCMP389J55 Datasheet HTML 10Page - World Produts Inc. PCMP389J55 Datasheet HTML 11Page - World Produts Inc. PCMP389J55 Datasheet HTML 12Page - World Produts Inc. PCMP389J55 Datasheet HTML 13Page - World Produts Inc. PCMP389J55 Datasheet HTML 14Page - World Produts Inc. PCMP389J55 Datasheet HTML 15Page - World Produts Inc. PCMP389J55 Datasheet HTML 16Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Pilkor components
AC and Pulse
PCMP 389
Metallized Polypropylene film capacitors
166
MAXIMUM RMS VOLTAGE (SINEWAVE) AS A FUNCTION OF FREQUENCY
1000nF
2200nF
47nF
220nF
10
2
f(Hz)
10
2
10
1
10
3
10
3
10
4
10
5
10
6
AC voltage
(V)
AC voltage (RMS value) as a function of frequency
at Tamb ≤85℃ for VRdc=250V
1000nF
2200nF
47nF
220nF
10
2
f(Hz)
10
2
10
1
10
3
10
3
10
4
10
5
10
6
AC voltage
(V)
AC voltage (RMS value) as a function of frequency
at 85℃< Tamb ≤105℃ for VRdc=250V
10
2
f(Hz)
10
2
10
1
10
3
10
3
10
4
10
5
10
6
AC voltage
(V)
AC voltage (RMS value) as a function of frequency
at Tamb ≤85℃ for VRdc=400V
1000nF
220nF
47nF
22nF
10
2
f(Hz)
10
2
10
1
10
3
10
3
10
4
10
5
10
6
AC voltage
(V)
AC voltage (RMS value) as a function of frequency
at 85℃< Tamb ≤105℃ for VRdc=400V
1000nF
470nF
100nF
22nF
AC voltage (RMS value) as a function of frequency
at Tamb ≤85℃ for VRdc=630V
10
4
10
5
10
7
AC voltage
(V)
f(Hz)
10
3
10
6
10nF
100nF
10
2
10
1
10
3
470nF
22nF
AC voltage (RMS value) as a function of frequency
at 85℃< Tamb ≤105℃ for VRdc=630V
10
4
10
5
10
7
AC voltage
(V)
f(Hz)
10
3
10
6
10
2
10
1
10
3
470nF
100nF
22nF
10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com