Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMP389J4A Datasheet(PDF) 16 Page - World Produts Inc.

Part # PCMP389J4A
Description  Low loss dielectric
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP389J4A Datasheet(HTML) 16 Page - World Produts Inc.

Back Button PCMP389J4A Datasheet HTML 8Page - World Produts Inc. PCMP389J4A Datasheet HTML 9Page - World Produts Inc. PCMP389J4A Datasheet HTML 10Page - World Produts Inc. PCMP389J4A Datasheet HTML 11Page - World Produts Inc. PCMP389J4A Datasheet HTML 12Page - World Produts Inc. PCMP389J4A Datasheet HTML 13Page - World Produts Inc. PCMP389J4A Datasheet HTML 14Page - World Produts Inc. PCMP389J4A Datasheet HTML 15Page - World Produts Inc. PCMP389J4A Datasheet HTML 16Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Pilkor components
AC and Pulse
PCMP 389
Metallized Polypropylene film capacitors
168
PRODUCT MARKING
Capacitors are marked with the following information :
. Rated capacitance code in accordance with IEC 60062
. Tolerance on rated capacitance : J = ± 5 %
. Rated (DC) Voltage ( e.g. 630 V )
. Code for dielectric material (MKP)
. Manufacturer's type designation (389)
. Manufacturer's name (PILKOR)
. Year and week of manufacture (e.g. 1101)
Example of marking
Pitch = 10mm
Marking on the side
Marking on the side
Pitch = 15.0 mm
36n J 630V
389
MKP
PILKOR
WK....
Marking on the top
Marking on the side
Pitch > 15.0 mm
120n J 630V
389
MKP
PILKOR
WK....
Marking on the top
Marking on the side
or
120n J 630V
PILKOR
389
MKP
WK....
Marking on the top
10n J 630V
389 MKP 0901
PILKOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com