Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCX2347F35 Datasheet(PDF) 4 Page - World Produts Inc.

Part # PCX2347F35
Description  Supplied loose in box and taped on reel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCX2347F35 Datasheet(HTML) 4 Page - World Produts Inc.

  PCX2347F35 Datasheet HTML 1Page - World Produts Inc. PCX2347F35 Datasheet HTML 2Page - World Produts Inc. PCX2347F35 Datasheet HTML 3Page - World Produts Inc. PCX2347F35 Datasheet HTML 4Page - World Produts Inc. PCX2347F35 Datasheet HTML 5Page - World Produts Inc. PCX2347F35 Datasheet HTML 6Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Pilkor components
Series Impedance
PCX2 347
Film capacitors
160
SPECIFIC REFERENCE DATA FOR 310 VAC
Tangent of loss angle
at 1 khz
at 10 khz
C ≤
1 ㎌
C >
1 ㎌
≤
80 x 10
-4
≤
80 x 10
–4
≤
150 x 10
-4
-
Rated voltage pulse slope (dV/dt)R
100 V/㎲
R between leads, for C ≤ 0.33 ㎌
〉
15 000 ㏁
RC between leads, for C > 0.33 ㎌
〉
5 000 s
Withstanding(DC) Voltage (cut-off current 10mA)
4.3* VR, 1min
Withstanding(AC) Voltage between leads and case
2400V 1min
VRac = 310V
~ X2
loose and taped
CATALOGUE NUMBER
PCX2 347......
loose in box
lt = 5 ± 1.0 mm
lt = 25 ± 2.0 mm
Cap.
(㎌)
b x h x l
(mm)
MASS
(g)
C – tol.
±
20 %
C – tol.
±
10 %
C – tol.
±
20 %
C – tol.
±
10 %
Pitch = 10.0 ± 0.4 mm
dt = 0.6 +0.06/-0.05 mm
0.01
4.0 x 10.0 x 12.5
0.8
D30103
D31103
D34103
D35103
0.015
4.0 x 10.0 x 12.5
0.8
D30153
D31153
D34153
D35153
0.022
4.0 x 10.0 x 12.5
0.8
D30223
D31223
D34223
D35223
0.033
5.0 x 11.0 x 12.5
0.9
D30333
D31333
D34333
D35333
0.047
5.0 x 11.0 x 12.5
0.9
D30473
D31473
D34473
D35473
0.068
6.0 x 12.0 x 12.5
1.0
D30683
D31683
D34683
D35683
0.082
6.0 x 12.0 x 12.5
1.0
D30823
D31823
D34823
D35823
0.1
6.0 x 12.0 x 12.5
1.0
D30104
D31104
D34104
D35104
Pitch = 15.0 ± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.1
6.0 x 12.0 x 18.0
1.4
F30104
F31104
F34104
F35104
0.15
7.0 x 13.5 x 18.0
1.9
F30154
F31154
F34154
F35154
0.22
8.5 x 15.0 x 18.0
2.6
F30224
F31224
F34224
F35224
0.33
10.0 x 16.5 x 18.0
3.1
F30334
F31334
F34334
F35334
0.47
11.0 x 18.5 x 18.0
4.1
F30474
F31474
F34474
F35474
Pitch = 22.5 ± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.33
7.0 x 16.5 x 26.0
3.2
J30334
J31334
J34334
J35334
0.47
8.5 x 18.0 x 26.0
4.4
J30474
J31474
J34474
J35474
0.68
10.0 x 19.5 x 26.0
5.5
J30684
J31684
J34684
J35684
1.0
12.0 x 22.0 x 26.0
9.0
J30105
J31105
J34105
J35105
1.5
16.5 x 22.0 x 26.0
10.0
J30155
J31155
J34155
J35155
Pitch = 27.5 ± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.47
9.0 x 19.0 x 31.0
5.5
L30474
L31474
L34474
L35474
0.68
10.0 x 20.0 x 31.0
6.5
L30684
L31684
L34684
L35684
1.0
11.0 x 21.0 x 31.0
7.8
L30105
L31105
L34105
L35105
1.5
13.0 x 23.0 x 31.0
10.4
L30155
L31155
L34155
L35155
2.2
21.0 x 31.0 x 31.0
20.5
L30225
L31225
L34225
L35225



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com