Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCX2347D36 Datasheet(PDF) 6 Page - World Produts Inc.

Part # PCX2347D36
Description  Supplied loose in box and taped on reel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCX2347D36 Datasheet(HTML) 6 Page - World Produts Inc.

  PCX2347D36 Datasheet HTML 1Page - World Produts Inc. PCX2347D36 Datasheet HTML 2Page - World Produts Inc. PCX2347D36 Datasheet HTML 3Page - World Produts Inc. PCX2347D36 Datasheet HTML 4Page - World Produts Inc. PCX2347D36 Datasheet HTML 5Page - World Produts Inc. PCX2347D36 Datasheet HTML 6Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Pilkor components
Series Impedance
PCX2 347
Film capacitors
162
PRODUCT MARKING
Capacitors are marked with having following information;
1.Manufacturer (PILKOR)
2.Manufacturer's type designation (PCX2 347 )
3.Rated capacitance in code according to IEC 60062
4.Rated (AC) voltage (310V
~)
5.Sub class (X2)
6.Tolerance on rated capacitance M =±20 % K = ±10 %
7.Climatic category (55/110/56)
8.Metallized polyester film (MKT)
9.Year and week of manufacturing (e.g 1401)
10.Safety approvals
Example of marking
Pitch P = 10.0mm
Pitch P = 15.0mm or P = 22.5 mm or P = 27.5mm
Marking on the top
Marking on the side
Pitch P = 22.5 mm or P = 27.5mm
Marking on headface
150n M 310V~ X2
PCX2 347 MKT
PILKOR
1430
55/110/56
1u M 310V~ X2
PCX2 347 MKT
PILKOR 1430
55/110/56
10n M 310V~
347 PILKOR 1430
X2
X2
Marking on the side
or
10n M 310V~ X2
347 PILKOR 1430
Marking on the side



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com