Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMT468D4B Datasheet(PDF) 13 Page - World Produts Inc.

Part # PCMT468D4B
Description  Supplied loose in box and ammopack
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMT468D4B Datasheet(HTML) 13 Page - World Produts Inc.

Back Button PCMT468D4B Datasheet HTML 5Page - World Produts Inc. PCMT468D4B Datasheet HTML 6Page - World Produts Inc. PCMT468D4B Datasheet HTML 7Page - World Produts Inc. PCMT468D4B Datasheet HTML 8Page - World Produts Inc. PCMT468D4B Datasheet HTML 9Page - World Produts Inc. PCMT468D4B Datasheet HTML 10Page - World Produts Inc. PCMT468D4B Datasheet HTML 11Page - World Produts Inc. PCMT468D4B Datasheet HTML 12Page - World Produts Inc. PCMT468D4B Datasheet HTML 13Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Pilkor components
Metallized Polyester
PCMT 468
film capacitors
95
PRODUCT MARKING
The capacitors are marked on the top and side or on the top with the following information ;
. Rated capacitance in code according to IEC 60062
. Tolerance on rated capacitance : J = ±5% , K = ±10%
. Rated DC voltage
: (e.g. 400V)
. Manufacturer’s type designation : (468)
. Code for dielectric material
: (MKT(ME))
Example of marking
pitch = 10mm
Marking on the side
pitch = 15mm
Marking on the top
Marking on the side
pitch = 22.5mm / 27.5mm
Marking on the top
Marking on the top
Marking on the side
pitch = 27.5mm
Marking on the top
100n J 630V
468 MKT ….
PILKOR
100n J 630V
468 MKT(ME)
PILKOR
WK….
470n J 400V
PILKOR
468 MKT(ME)
WK....
470n J 400V
468 MKT(ME)
PILKOR
WK….
4u7 J 400V
468 MKT ….
PILKOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com