Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PECL_RX_C3 Datasheet(PDF) 5 Page - ams AG

Part # PECL_RX_C3
Description  CMOS PECL Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PECL_RX_C3 Datasheet(HTML) 5 Page - ams AG

  PECL_RX_C3 Datasheet HTML 1Page - ams AG PECL_RX_C3 Datasheet HTML 2Page - ams AG PECL_RX_C3 Datasheet HTML 3Page - ams AG PECL_RX_C3 Datasheet HTML 4Page - ams AG PECL_RX_C3 Datasheet HTML 5Page - ams AG PECL_RX_C3 Datasheet HTML 6Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Datasheet: PECL_RX - C35
Revision B, 10.09.02
Page5fo6
APPLICATION
!
High Speed Backplane Driver
!
Complementary Clock Drivers
!
Level Translator
!
System Interconnects
!
ATM Applications
!
SDH Applications
!
High-Resolution Imaging Applications
!
Laser Printers
!
Digital Copiers
TYPICAL APPLICATION1)
µF
1
µF
1
VDDA
VSSA
22pF
100pF
VREF (external reference) 2)
SNAP BACK 6)
Ω
50
Ω
3)
µF
1
22pF
100pF
VDDA
VT
-
2V
VREF
VSSA 3)
180pF
1nF
50
Ω
50
+
external
chip internal
VDD 4)
VDDA 1)
1) 4)
VDDA
SNAP BACK 6)
VSS
4)
3)
VSSA
4)
3)
7)
7)
7)
5)
complementary
CMOS signals
(to digital core)
VDD
VSS 3)
22pF
100pF
DATA
transmission lines
from transmitter
DATAN
VT
VT
1)
Each power pin must have its own set of blocking capacitors.
2)
An external reference must be used.
3)
VSSA and VSS must be connected on the PCB level.
4)
The two power pads can be bonded to one package pin (double bonding).
5)
Two more PECL_RX cells can be driven with IREFxx of the PERXBIAS cell. If an output IREFxx is not used it must be left unconnected.
6)
The PECL part of the chip has to be separated from the rest of the chip by use of snap backs (cell PWRCUT_DIG_P_SNAP_SNAP).
7)
The cells VDD3R1P and VDD3R2P are not in the standard library, they are part of the IP-block.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com