Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEVR05 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DEVR05
Description  High current and high voltage capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DEVR05 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DEVR05 Datasheet HTML 1Page - Willow Technologies Ltd DEVR05 Datasheet HTML 2Page - Willow Technologies Ltd DEVR05 Datasheet HTML 3Page - Willow Technologies Ltd DEVR05 Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DEVR05
Electric Vehicle Contactor
Contacts
Contact number & arrangement
SPST-NO (1NO)
Contact material
AgSnO
2
Max. switching voltage
900VDC
Min. switching voltage
12VDC
Min. switching current
100mA
Rated continuous current
50A * 1 (voltage dependant)
Short term overcurrent
100A (3 mins) #8 AWG wire, at +40°C
Max. short circuit current (contacts close only)
900A (1/2 Sine 50/60Hz)
Voltage drop
≤80mV@100A)
Coil
Rated voltage
12 ~ 72VDC
Operating range of supply voltage
See coil data ‘Table 1’
Rated coil power consumption
5.5W ~ 6W
Insulation
Insulation resistance (Initial / End of Life)
100MΩ / 50MΩ at 500VDC
Dielectric strength
coil - contact 2,000Vrms / 4000VDC
contact - contact 5,600Vrms / 8000VDC
General Data
Operating time
mS ≤ 25ms Max. (includes bounce time - 5ms max)
Release time
mS ≤ 10ms Max.
Electrical Life
ops 52,000 @ 25A/400VDC (polarity sensitive2). See Fig 1
Mechanical life
ops 1 x 106
Dimensions
L x W x H 53.85 x 40 x 52.41mm (see drawings for detail)
Weight
190g ±2g
Ambient Temperature
operating / storage -40 to +85°C
Shock resistance
20G, 11ms ½ sine, peak
Vibration resistance
20G, sine, peak (55~2,000 Hz)
Noise (at 100mm)
70dB(a)
• High current and high voltage capability
• Compact structure - Low noise
• Magnetic arc blowout
• Max 900VDC @ 50A
• Reliable contacts in inert gas
• No special installation required
• RoHS Compliant
Ref: DEVR05 121415JHM
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 1 of 4
www.durakoolrelays.com Sales Department Tel: +1 574 295 6330 Toll: (888) 847 6552
Specifications are subject to change without notice. E&OE.
* Consult factory for higher current capabilities
1
Recommended wire - #8AWG (8.4mm2)
2
Failure to observe correct polarity for load terminal connections will result in degraded life. See Fig. 3.


Similar Part No. - DEVR05

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DEVR05 AEC-DEVR05 Datasheet
918Kb / 4P
High current and high voltage capability
logo
Solid State Supplies.
DEVR05-5061-S8-1012-R1 DURAKOOL-DEVR05-5061-S8-1012-R1 Datasheet
880Kb / 2P
HVDC Contactor 50A / 1000VDC
DEVR05-5061-S8-1012-R2 DURAKOOL-DEVR05-5061-S8-1012-R2 Datasheet
880Kb / 2P
HVDC Contactor 50A / 1000VDC
DEVR05-5061-S8-1012-T1 DURAKOOL-DEVR05-5061-S8-1012-T1 Datasheet
880Kb / 2P
HVDC Contactor 50A / 1000VDC
DEVR05-5061-S8-1012-T2 DURAKOOL-DEVR05-5061-S8-1012-T2 Datasheet
880Kb / 2P
HVDC Contactor 50A / 1000VDC
More results

Similar Description - DEVR05

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SR120 FCI-SR120 Datasheet
7Mb / 2P
High surge current capability High current capability Low forward voltage drop
logo
MAKO SEMICONDUCTOR CO.,...
MBR1045 MAKOSEMI-MBR1045 Datasheet
499Kb / 4P
High current capability, low forward voltage
MCC1045UL MAKOSEMI-MCC1045UL Datasheet
499Kb / 4P
High current capability, low forward voltage
SB1550L MAKOSEMI-SB1550L Datasheet
535Kb / 4P
High current capability, low forward voltage
SR1045L MAKOSEMI-SR1045L Datasheet
499Kb / 4P
High current capability, low forward voltage
MBR1045CT MAKOSEMI-MBR1045CT Datasheet
499Kb / 4P
High current capability, low forward voltage
MCC1045UL MAKOSEMI-MCC1045UL Datasheet
499Kb / 4P
High current capability, low forward voltage
SB1045L MAKOSEMI-SB1045L Datasheet
499Kb / 4P
High current capability, low forward voltage
logo
DIYI Electronic Technol...
MURF510 DYELEC-MURF510 Datasheet
879Kb / 3P
Low forward voltage, high current capability
logo
American Electronic Com...
DEVR05 AEC-DEVR05 Datasheet
918Kb / 4P
High current and high voltage capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com