| Electronic Components Datasheet Search |
|
MUX507IPWR Datasheet(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MUX507IPWR Datasheet(HTML) 17 Page - Texas Instruments |
|
17 / 43 page ![]() D VS VD A A ID (OFF) Is (OFF) S Copyright © 2017, Texas Instruments Incorporated V D VS ICH S Copyright © 2017, Texas Instruments Incorporated 17 MUX506, MUX507 www.ti.com SBAS803A – NOVEMBER 2016 – REVISED NOVEMBER 2017 Product Folder Links: MUX506 MUX507 Submit Documentation Feedback Copyright © 2016–2017, Texas Instruments Incorporated 7.2 On-Resistance The on-resistance of the MUX50x is the ohmic resistance across the source (Sx, SxA, or SxB) and drain (D, DA, or DB) pins of the device. The on-resistance varies with input voltage and supply voltage. The symbol RON is used to denote on-resistance. The measurement setup used to measure RON is shown in Figure 26. Voltage (V) and current (ICH) are measured using this setup, and RON is computed as shown in Equation 1: RON = V / ICH (1) Figure 26. On-Resistance Measurement Setup 7.3 Off Leakage There are two types of leakage currents associated with a switch during the OFF state: 1. Source off-leakage current 2. Drain off-leakage current Source leakage current is defined as the leakage current flowing into or out of the source pin when the switch is off. This current is denoted by the symbol IS(OFF). Drain leakage current is defined as the leakage current flowing into or out of the drain pin when the switch is off. This current is denoted by the symbol ID(OFF). The setup used to measure both off-leakage currents is shown in Figure 27 Figure 27. Off-Leakage Measurement Setup |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |