Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA4180A3IPWT Datasheet(PDF) 13 Page - Texas Instruments

Part # INA4180A3IPWT
Description  Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA4180A3IPWT Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA4180A3IPWT Datasheet HTML 9Page - Texas Instruments INA4180A3IPWT Datasheet HTML 10Page - Texas Instruments INA4180A3IPWT Datasheet HTML 11Page - Texas Instruments INA4180A3IPWT Datasheet HTML 12Page - Texas Instruments INA4180A3IPWT Datasheet HTML 13Page - Texas Instruments INA4180A3IPWT Datasheet HTML 14Page - Texas Instruments INA4180A3IPWT Datasheet HTML 15Page - Texas Instruments INA4180A3IPWT Datasheet HTML 16Page - Texas Instruments INA4180A3IPWT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
IN±2
IN+2
VS
OUT2
IN±1
IN+1
OUT1
+
±
GND
+
±
Copyright © 201 7, Texas Instrumen ts Incorpor ate d
INA2180
IN±
IN+
GND
VS
OUT
INA180
+
±
Copyright © 2017, Texas Instruments Incorporated
13
INA180, INA2180, INA4180
www.ti.com
SBOS741B – APRIL 2017 – REVISED NOVEMBER 2017
Product Folder Links: INA180 INA2180 INA4180
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The INA180, INA2180, and INA4180 (INAx180) are 26-V, common-mode, current-sensing amplifiers used in both
low-side and high-side configurations. These specially-designed, current-sensing amplifiers accurately measures
voltages developed across current-sensing resistors on common-mode voltages that far exceed the supply
voltage powering the device. Current can be measured on input voltage rails as high as 26 V, and the devices
can be powered from supply voltages as low as 2.7 V.
8.2 Functional Block Diagrams
Figure 34. INA180 Functional Block Diagram
Figure 35. INA2180 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com