Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IGPS-9084GP Datasheet(PDF) 6 Page - ORing Industrial Networking Corp

Part # IGPS-9084GP
Description  Industrial 12-port managed Gigabit PoE Ethernet switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGPS-9084GP Datasheet(HTML) 6 Page - ORing Industrial Networking Corp

  IGPS-9084GP Datasheet HTML 1Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 2Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 3Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 4Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 5Page - ORing Industrial Networking Corp IGPS-9084GP Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1-335
1-335
Designed for Rugged Excellence
Available
Model
Model Name
Description
IGPS-9084GP
Industrial 12-port managed Gigabit PoE Ethernet switch with 8x10/100/1000Base-T(X) P.S.E. ports and
4x100/1000Base-X, SFP socket
Packing List
‧
IGPS-9084GP
‧
DIN-Rail Kit
‧
Wall-mount Kit
‧
Console Cable
‧
ORing Tool CD
‧
Quick Installation Guide
Optional Accessories (Can be purchased separately)
‧
Open-Vision M500 : Powerful Network Management Windows Utility Suit, 500 IP devices
‧
SFP100 series : 100Mbps SFP optical transceiver
‧
SFP 1G series : 1Gbps SFP optical transceiver
‧
DBU-01 : Backup unit device
IGPS-9 A BB CC
Ordering Information
Code Definition
Gigabit P.S.E. Port Number
Additional Port Number
Additional Port Type
Option
- 8: 8 ports
- 4: 4 ports
-GP: Gigabit SFP ports
EMS
EN61000-4-2 (ESD),
EN61000-4-3 (RS),
EN61000-4-4 (EFT),
EN61000-4-5 (Surge),
EN61000-4-6 (CS),
EN61000-4-8,
EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-32
Vibration
IEC60068-2-6
Safety
EN60950-1
Warranty
5 years
v1.0a / Feb, 2013
Industrial Ethernet Switch DIN-Rail Managed Gigabit PoE Ethernet Switch



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com