Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IGS-1050A Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # IGS-1050A
Description  Industrial 5-port slim type unmanaged Gigabit Ethernet switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGS-1050A Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  IGS-1050A Datasheet HTML 1Page - ORing Industrial Networking Corp IGS-1050A Datasheet HTML 2Page - ORing Industrial Networking Corp IGS-1050A Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1-179
1-179
Designed for Rugged Excellence
ORing Switch Model
IGS-1050A
IGS-1041GPA
Physical Ports
10/100/1000Base-T(X) Ports in RJ45 Auto MDI/MDIX
5
4
1000Base-X SFP Ports
-
1
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX
IEEE 802.3z for 1000Base-X
IEEE 802.3ab for 1000Base-T
IEEE 802.3x for Flow control
MAC Table
1024 MAC addresses
Processing
Store-and-Forward
Jumbo Frame
9K
LED Indicators
Power Indicator
Green : Power LED x 2
Fault Indicator
Amber : Indicates PWR1 or PWR2 failure occurred
10/100/1000Base-T(X) RJ45 Port Indicator
Green for port Link / Act
Amber for 100Mbps indicator
1000Base-X SFP Port Indicator
-
Green for port Link/Act
Fault contact
Relay
Relay output to carry capacity of 1A at 24VDC
Specifications
Dimensions
(Unit=mm)
v1.4 / Dec, 2011
Industrial Ethernet Switch DIN-Rail Unmanaged Gigabit Ethernet Switch



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com