Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGPS-9084GP-P Datasheet(PDF) 4 Page - ORing Industrial Networking Corp

Part # RGPS-9084GP-P
Description  Industrial 12-port rack mount managed Gigabit PoE Ethernet switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGPS-9084GP-P Datasheet(HTML) 4 Page - ORing Industrial Networking Corp

  RGPS-9084GP-P Datasheet HTML 1Page - ORing Industrial Networking Corp RGPS-9084GP-P Datasheet HTML 2Page - ORing Industrial Networking Corp RGPS-9084GP-P Datasheet HTML 3Page - ORing Industrial Networking Corp RGPS-9084GP-P Datasheet HTML 4Page - ORing Industrial Networking Corp RGPS-9084GP-P Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1-317
1-317
Designed for Rugged Excellence
Industrial Ethernet Switch Rack-Mount Managed Gigabit PoE Ethernet Switch
v1.0a / Sep, 2015
Specifications
ORing Switch Model
RGPS-9084GP-P
Physical Ports
10/100/1000 Base-T(X) Ports in RJ45
Auto MDI/MDIX with P.S.E
8
-40 ~ 60oC : provided total 240watts maximum, 60 ~ 75oC : provided total 120watts maximum
100/1000Base-X SFP Port
4
Technology
Ethernet Standards
IEEE 802.3 for 10BaseT
IEEE 802.3u for 100Base-TX and 100Base-FX
IEEE 802.3z for 1000Base-X
IEEE 802.3ab for 1000Base-T
IEEE 802.3x for Flow control
IEEE 802.3ad for LACP (Link Aggregation Control Protocol )
IEEE 802.1D for STP (Spanning Tree Protocol)
IEEE 802.1p for COS (Class of Service)
IEEE 802.1Q for VLAN Tagging
IEEE 802.1w for RSTP (Rapid Spanning Tree Protocol)
IEEE 802.1x for Authentication
IEEE 802.1AB for LLDP (Link Layer Discovery Protocol)
IEEE 802.3at PoE specification
MAC Table
8k
Packet Buffer
4Mbits
Priority Queues
8
Processing
Store-and-Forward
Switch Properties
Switching latency: 7 us
Switching bandwidth: 24Gbps
Max. Number of Available VLANs: 4095
VLAN ID Range : VID 1 to 4094
IGMP multicast groups: 256 for each VLAN
Port rate limiting: User Define
Security Features
Device Binding security feature
Enable/disable ports, MAC based port security
Port based network access control (802.1x)
VLAN (802.1Q ) to segregate and secure network traffic
Radius centralized password management
SNMPv3 encrypted authentication and access security
Https / SSH enhance network security
Jumbo frame
Up to 9.6K Bytes
Software Features
STP/RSTP/MSTP (IEEE 802.1D/w/s)
Redundant Ring (O-Ring) with recovery time less than 30ms over 250 units
TOS/Diffserv supported
Quality of Service (802.1p) for real-time traffic
VLAN (802.1Q) with VLAN tagging
IGMP Snooping
IP-based bandwidth management
Application-based QoS management
DOS/DDOS auto prevention
Port configuration, status, statistics, monitoring, security
DHCP Server/Client/Relay
SMTP Client
Modbus TCP
NTP server
Network Redundancy
O-Ring
Open-Ring
O-Chain
Fast Recovery
MRP*NOTE
MSTP (RSTP/STP compatible)
RS-232 Serial Console Port
RS-232 in RJ45 connector with console cable. 115200bps, 8, N, 1 (support backup unit DBU-01)
LED Indicators
Power indicator (PWR)
Green : Power indicator
Ring Master Indicator (R.M.)
Green : Indicate system operated in O-Ring Master mode
O-Ring Indicator (Ring)
Green : Indicate system operated in O-Ring mode. Blinking to indicate Ring is broken.
*NOTE: This function is available by request only



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com