Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5272D-M2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC5272D-M2
Description  REMOTE CONTROL DECODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC5272D-M2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC5272D-M2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC5272D-M2 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC5272D-M2 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC5272D-M2 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC5272D-M2 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC5272D-M2 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC5272D-M2 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC5272D-M2 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC5272D-M2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Silan
Semiconductors
SC5272
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
1
REMOTE CONTROL DECODER
DESCRIPTION
The SC5272 is a remote control decoder paired with SC5262
utilizing CMOS technology. It has a maximum of 12-bits of tri-state
address pins providing up to 531,441(or 312) address codes;
thereby, drastically reducing any code collision and unauthorized
code scanning possibilities.
FEATURES
* Low power consumption and very high noise immunity
* Up to 12 tri-state code address pins or 6 data pins
* Wide operating voltage range(Vcc=3V ~ 15V)
* Single resistor oscillator
* Latch or Momentary output type
APPLICATION
* Home/automation security system
* Remote control toys or for industrial use
* Remote control fan
* Garage door controller
DIP-20
DIP-18
SOP-20
ORDERING INFORMATION
SC5272X-XX
L: Latch Type
M: Momentary Type
S: SOP-20 Package
D: DIP-20 Package
Omitted: DIP-18 Package
Data Bits:
0: 0 data bit(can be omitted)
2: 2 data bits
3: 3 data bits
4: 4 data bits
5: 5 data bits
6: 6 data bits


Similar Part No. - SC5272D-M2

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
REMOTE CONTROL DECODER PAIRED
logo
Infinite Electronics In...
SC5272 FAIRVIEW-SC5272 Datasheet
529Kb / 3P
SMP Male Smooth Bore Hermetically Sealed Connector .050 inch Pin Terminal Solder Attachment
REV 1.2A
More results

Similar Description - SC5272D-M2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA3049A PHILIPS-SAA3049A Datasheet
92Kb / 16P
Infrared remote control decoder
1996 Sep 13
logo
Princeton Technology Co...
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
Remote Control Decoder
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
Remote Control Decoder?
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
Remote Control Decoder?
PT2604 PTC-PT2604 Datasheet
46Kb / 2P
Remote Control Decoder IC
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
REMOTE CONTROL DECODER PAIRED
logo
Princeton Technology Co...
PT2270 PTC-PT2270_06 Datasheet
549Kb / 18P
Remote Control Decoder IC
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
Remote Control Decoder
PT2604 PTC-PT2604_10 Datasheet
359Kb / 14P
Remote Control Decoder IC
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
Remote Control Decoder IC
April, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com