Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6 Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # AS6
Description  4A to 460 Vac SIP Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

AS6 Datasheet(HTML) 3 Page - Willow Technologies Ltd

  AS6 Datasheet HTML 1Page - Willow Technologies Ltd AS6 Datasheet HTML 2Page - Willow Technologies Ltd AS6 Datasheet HTML 3Page - Willow Technologies Ltd AS6 Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2014 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
AS4 Page 3
AS4\042014\Q2
Series AS4
4A to 460 Vac SIP Package
DC Control
Ambient Temperature (
C)
Figure 4 — Thermal curves
LOAD CURRENT DERATING CURVE
Number of Cycles
Figure 5a — Non-repetitive surge current
NOTES:
1. Electrical specifications at 25
C unless otherwise specified.
2. For 800Hz applications, contact factory.
3. For additional/custom options, contact factory.
SURGE CURRENT RATING



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com