Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9001 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9001
Description  Low-Power, Rail-to-Rail In or Out, 1.2-MHz Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9001 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV9001 Datasheet HTML 2Page - Texas Instruments TLV9001 Datasheet HTML 3Page - Texas Instruments TLV9001 Datasheet HTML 4Page - Texas Instruments TLV9001 Datasheet HTML 5Page - Texas Instruments TLV9001 Datasheet HTML 6Page - Texas Instruments TLV9001 Datasheet HTML 7Page - Texas Instruments TLV9001 Datasheet HTML 8Page - Texas Instruments TLV9001 Datasheet HTML 9Page - Texas Instruments TLV9001 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
TLV9001, TLV9002, TLV9004
SBOS833 – OCTOBER 2017
www.ti.com
Product Folder Links: TLV9001 TLV9002 TLV9004
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VS
Supply voltage
1.8
5.5
V
TA
Specified temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics application report.
6.4 Thermal Information: TLV9002
THERMAL METRIC(1)
TLV9002
UNIT
D (SOIC)
8 PINS
RθJA
Junction-to-ambient thermal resistance
147.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
94.3
°C/W
RθJB
Junction-to-board thermal resistance
89.5
°C/W
ψJT
Junction-to-top characterization parameter
47.3
°C/W
ψJB
Junction-to-board characterization parameter
89
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com