Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB564I Datasheet(PDF) 3 Page - Texas Instruments

Part # TUSB564I
Description  USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB564I Datasheet(HTML) 3 Page - Texas Instruments

  TUSB564I Datasheet HTML 1Page - Texas Instruments TUSB564I Datasheet HTML 2Page - Texas Instruments TUSB564I Datasheet HTML 3Page - Texas Instruments TUSB564I Datasheet HTML 4Page - Texas Instruments TUSB564I Datasheet HTML 5Page - Texas Instruments TUSB564I Datasheet HTML 6Page - Texas Instruments TUSB564I Datasheet HTML 7Page - Texas Instruments TUSB564I Datasheet HTML 8Page - Texas Instruments TUSB564I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
6
5
4
3
2
1
13
14
15
16
17
18
19
20
21
22
23
24
12
11
10
9
8
7
25
28
26
27
36
35
34
33
32
31
30
29
37
38
39
40
RX1p
TX2p
DP1p
DP0p
TX1p
DP2p
DP2n
RX1n
DP1n
DP0n
TX2n
TX1n
DP3p
DP3n
HPDIN
RX2p
RX2n
EQ0
EQ1
I2C_EN
EN
DPEQ0/A1
VCC
SSEQ0/A0
Thermal Pad
GND
3
TUSB564
www.ti.com
SLLSF29A – OCTOBER 2017 – REVISED OCTOBER 2017
Product Folder Links: TUSB564
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
RNQ Package
40-Pin (WQFN)
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
DP0p
40
Diff O
DP Differential positive output for DisplayPort Lane 0.
DP0n
39
Diff O
DP Differential negative output for DisplayPort Lane 0.
DP1p
37
Diff O
DP Differential positive output for DisplayPort Lane 1.
DP1n
36
Diff O
DP Differential negative output for DisplayPort Lane 1.
DP2p
34
Diff O
DP Differential positive output for DisplayPort Lane 2.
DP2n
33
Diff O
DP Differential negative output for DisplayPort Lane 2.
DP3p
31
Diff O
DP Differential positive output for DisplayPort Lane 3.
DP3n
30
Diff O
DP Differential negative output for DisplayPort Lane 3.
TX1n
10
Diff I/O
Differential negative input for DisplayPort or differential negative output for USB3.1 upstream
facing port.
TX1p
9
Diff I/O
Differential positive input for DisplayPort or differential positive output for USB3.1 upstream facing
port.
RX1n
13
Diff I
Differential negative input for DisplayPort or USB3.1 upstream facing port.
RX1p
12
Diff I
Differential positive input for DisplayPort or USB 3.1 upstream facing port.
RX2p
16
Diff I
Differential positive input for DisplayPort or USB 3.1 upstream facing port.
RX2n
15
Diff I
Differential negative input for DisplayPort or USB 3.1 upstream facing port.
TX2p
19
Diff I/O
Differential positive input for DisplayPort or differential positive output for USB3.1 upstream Facing
port.
TX2n
18
Diff I/O
Differential negative input for DisplayPort or differential negative output for USB3.1 upstream
Facing port.
SSTXp
8
Diff I
Differential positive input for USB3.1 downstream facing port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com