Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1046AI-DCI Datasheet(PDF) 27 Page - Texas Instruments

Part # TUSB1046AI-DCI
Description  USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1046AI-DCI Datasheet(HTML) 27 Page - Texas Instruments

Back Button TUSB1046AI-DCI Datasheet HTML 23Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 24Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 25Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 26Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 27Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 28Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 29Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 30Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
27
TUSB1046A-DCI
www.ti.com
SLLSF13 – JUNE 2017
Product Folder Links: TUSB1046A-DCI
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 16. USB3.1 Control/Status Registers (0x20)
Bit
Field
Type
Reset
Description
7:4
EQ2_SEL
R/W/U
0000
Field selects between 0 to 9 dB of EQ for USB3.1 RX2 receiver.
When EQ_OVERRIDE = 1’b0, this field reflects the sampled
state of EQ[1:0] pins. When EQ_OVERRIDE = 1’b1, software
can change the EQ setting for USB3.1 RX2 receiver based on
value written to this field.
3:0
EQ1_SEL
R/W/U
0000
Field selects between 0 to 9 dB of EQ for USB3.1 RX1 receiver.
When EQ_OVERRIDE = 1’b0, this field reflects the sampled
state of EQ[1:0] pins. When EQ_OVERRIDE = 1’b1, software
can change the EQ setting for USB3.1 RX1 receiver based on
value written to this field.
8.6.7 USB3.1 Control/Status Registers (address = 0x21) [reset = 00000000]
Figure 25. USB3.1 Control/Status Registers (0x21)
7
6
5
4
3
2
1
0
Reserved
SSEQ_SEL
R
R/W/U
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 17. USB3.1 Control/Status Registers (0x21)
Bit
Field
Type
Reset
Description
7:4
Reserved
R
0000
Reserved
3:0
SSEQ_SEL
R/W/U
0000
Field selects between 0 to 11 dB of EQ for USB3.1 SSTXP/N
receiver. When EQ_OVERRIDE = 1’b0, this field reflects the
sampled state of SSEQ[1:0] pins. When EQ_OVERRIDE = 1’b1,
software can change the EQ setting for USB3.1 SSTXP/N
receiver based on value written to this field.
8.6.8 USB3.1 Control/Status Registers (address = 0x22) [reset = 00000000]
Figure 26. USB3.1 Control/Status Registers (0x22)
7
6
5
4
3
2
1
0
CM_ACTIVE
LFPS_EQ
U2U3_LFPS_D
EBOUNCE
DISABLE_U2U
3_RXDET
DFP_RXDET_INTERVAL
USB3_COMPLIANCE_CTRL
R/U
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 18. USB3.1 Control/Status Registers (0x22)
Bit
Field
Type
Reset
Description
7
CM_ACTIVE
R/U
0
0 –device not in USB 3.1 compliance mode. (Default)
1 –device in USB 3.1 compliance mode
6
LFPS_EQ
R/W
0
Controls whether settings of EQ based on EQ1_SEL, EQ2_SEL
and SSEQ_SEL applies to received LFPS signal.
0 – EQ set to zero when receiving LFPS (default)
1 – EQ set to EQ1_SEL, EQ2_SEL, and SSEQ_SEL when
receiving LFPS.
5
U2U3_LFPS_DEBOUNCE
R/W
0
0 – No debounce of LFPS before U2/U3 exit. (Default)
1 – 200us debounce of LFPS before U2/U3 exit.
4
DISABLE_U2U3_RXDET
R/W
0
0 – Rx.Detect in U2/U3 enabled. (Default)
1 – Rx.Detect in U2/U3 disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com