Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7720 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SPT7720
Description  8-BIT, 200 MSPS A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPT7720 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SPT7720 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT7720 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT7720 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT7720 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT7720 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT7720 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT7720 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT7720 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT7720 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SPT
2
5/9/01
SPT7720
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25 °C
Temperatures
Operating Temperature .......................... –40 to +85 °C
Storage Temperature ............................ –65 to +125 °C
Supply Voltages
VDD ........................................................................ +6 V
Input Voltages
Analog Inputs ............................................... 0.0 to VDD
Digital Inputs ................................................ 0.0 to VDD
VREFL, VREFH ................................................ 0.0 to VDD
Note 1. Operation at any Absolute Maximum Rating is not implied. See
Electrical Specifications for proper nominal applied conditions in
typical applications.
ELECTRICAL SPECIFICATIONS
TA=TMIN to TMAX, VDD=+5.0 V, external reference, ƒS=200 MSPS, input amplitude = –1 dBFS, unless otherwise noted
TEST
TEST
SPT7720
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
DC Accuracy
Differential Linearity Error (DLE)
+25 °C
I
±0.41
±0.75
LSB
–40 °C to +85 °C
V
±1.0
±1.0
LSB
Integral Linearity Error (ILE)
+25 °C
I
±0.56
±1.0
LSB
–40 °C to +85 °C
V
±0.9
±1.2
LSB
No Missing Codes
VI
Guaranteed
Gain Error
+25 °C
I
±1.06
±1.08
%FS
Gain Tempco
V
0
ppm/°C
Switching Performance
Encode Pulsewidth High
+25 °C
IV
2.125
15
ns
Encode Pulsewidth Low
+25 °C
IV
2.125
15
ns
Aperture Delay (tA)
+25 °C
V
0.57
ns
Aperture Uncertainty (Jitter) & Noise
+25 °C
V
4.5
ps rms
Data Sync Setup Time (tSDS)
+25 °CIV
0
ns
Data Sync Hold Time (tHDS)
+25 °C
IV
0.5
ns
Data Sync Pulsewidth Time (tPWDS)
+25 °C
IV
2.0
ns
Output Valid Time (tV)
IV
4.4
5.7
ns
Output Prop. Delay (tPD)
IV
6.7
8.0
ns
Dynamic Performance
Transient Response
+25 °C
V
1.5
ns
Overvoltage Recovery Time
+25 °C
V
1.5
ns
Signal-to-Noise Ratio (SNR)
(without harmonics)
ƒIN = 19.7 MHz
+25 °CV
47
dB
ƒIN = 19.7 MHz
–40 °C to +85 °CV
47
dB
ƒIN = 70.1 MHz
+25 °C
I
44
46.3
dB
ƒIN = 70.1 MHz
–40 °C to +85 °C
V
45.8
dB
Signal-to-Noise Ratio and Distortion
(SINAD)
ƒIN = 19.7 MHz
+25 °CV
47
dB
ƒIN = 19.7 MHz
–40 °C to +85 °CV
43
dB
ƒIN = 70.1 MHz
+25 °C
I
43
44.9
dB
ƒIN = 70.1 MHz
–40 °C to +85 °C
V
44.5
dB
2nd Harmonic Distortion
ƒIN = 19.7 MHz
+25 °CV
–59
dBc
ƒIN = 70.1 MHz
+25 °CV
–55.4
dBc
3rd Harmonic Distortion
ƒIN = 19.7 MHz
+25 °CV
–58
dBc
ƒIN = 70.1 MHz
+25 °CV
–56.4
dBc
Total Harmonic Distortion (THD)
ƒIN = 70.1 MHz
+25 °CI
–50.9
–46.0
dBc
ƒIN = 70.1 MHz
–40 to +85 °CV
–48.3
dBc
Effective Number of Bits (ENOB)
ƒIN = 70.1 MHz
+25 °C
I
6.9
7.16
Bits
ƒIN = 70.1 MHz
–40 to +85 °C
V
6.5
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com