Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT9110 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SPT9110
Description  100 MSPS SINGLE-TO-DIFFERENTIAL TRACK-AND-HOLD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPT9110 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SPT9110 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT9110 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT9110 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT9110 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT9110 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT9110 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT9110 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT9110 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT9110 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SPT
2
11/12/98
SPT9110
ELECTRICAL SPECIFICATIONS
AVCC = +5.0 V, AGND = 0.0 V, Output Load = 1 kΩ and 10 pF, VIN = 2.0 Vp-p,Internal Reference, unless otherwise specified.
TEST
TEST
SPT9110
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
DC Performance
Gain
∆VIN = 2.0 Vp-p
Single Ended Out
+25
°C
I
0.95
0.97
0.99
V/V
Full Temperature
V
0.96
V/V
Differential Out
+25
°C
I
1.80
1.93
2.00
V/V
Full Temperature
V
1.92
V/V
Offset VIN = +2.5 V
Out+
+25
°C
I
-100
±50
+100
mV
Full Temperature
V
55
mV
Differential1
+25
°C, Ref In=Out+ CM
I
-15
±5
±15
mV
Full Temperature
V
10
mV
Output Drive Capacity2
Full Temperature
IV
±1
±10
mA
Output Load at 10 pF
Full Temperature
V
1
k
Ω
Analog Input/Output
Output Voltage Range
Full Temperature
VI
1.5
3.5
V
Input Capacitance
+25
°CV
5
pF
Input Resistance
+25
°C
I
100
140
k
Ω
Reference Voltage Output
I
2.35
2.45
2.55
V
Reference Output Current3
+25
°CV
±100
µA
Reference Voltage Tempco
Full Temperature
V
75
ppm/
°C
Clock Inputs
Input Type/Logic Family
V
Differential PECL
Input Bias Current
+25
°CI
2
10
µA
Input Low Voltage (Differential)
+25
°C
I
3.3
3.5
V
Input High Voltage (differential)
+25
°C
I
3.9
4.1
V
ABSOLUTE MAXIMUM RATING (Beyond which damage may occur)1
Note 1: Operation at any Absolute Maximum Ratings is not implied. See Electrical Specifications for proper nominal
applied conditions in typical application.
Note 2: Outputs are short circuit protected.
Output Currents2
Continuous Output Current .................................
±15 mA
Temperature
Operating Temperature .............................. -40 to +85
°C
Junction Temperature ......................................... +150
°C
Lead, Soldering (10 seconds) ............................. +220
°C
Storage ..................................................... -65 to +150
°C
Supply Voltages
AVCC Supplies ............................................. -0.5 to +6 V
Input Voltages
Analog Input Voltage .................................... -0.5 to +6 V
CLK, NCLK Input .......................................... -0.5 to +6 V
Ref In ............................................................ -0.5 to +6 V
1Differential offset is specified with Ref In equal to the common mode output voltage of OUT+ and so includes the offset error of the
inverter only.
2This part is intended to drive a high impedance load. AC performance is degraded at
±10 mA. See the Typical Performance Graphs.
3Ref Out has a typical output impedance of 1 k
Ω and should be buffered for driving loads other than Ref In.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com