Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC257APWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC257APWR
Description  QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS/ MULTIPLEXERS WITH 3 STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC257APWR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC257APWR Datasheet HTML 1Page - Texas Instruments SN74LVC257APWR Datasheet HTML 2Page - Texas Instruments SN74LVC257APWR Datasheet HTML 3Page - Texas Instruments SN74LVC257APWR Datasheet HTML 4Page - Texas Instruments SN74LVC257APWR Datasheet HTML 5Page - Texas Instruments SN74LVC257APWR Datasheet HTML 6Page - Texas Instruments SN74LVC257APWR Datasheet HTML 7Page - Texas Instruments SN74LVC257APWR Datasheet HTML 8Page - Texas Instruments SN74LVC257APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN54LVC257A, SN74LVC257A
QUADRUPLE 2LINE TO 1LINE DATA SELECTORS/MULTIPLEXERS
WITH 3STATE OUTPUTS
SCAS294N − JANUARY 1993 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Operate From 1.65 V to 3.6 V
D Inputs Accept Voltages to 5.5 V
D Max tpd of 4.6 ns at 3.3 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
SN74LVC257A . . . RGY PACKAGE
(TOP VIEW)
116
89
2
3
4
5
6
7
15
14
13
12
11
10
OE
4A
4B
4Y
3A
3B
1A
1B
1Y
2A
2B
2Y
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A/B
1A
1B
1Y
2A
2B
2Y
GND
VCC
OE
4A
4B
4Y
3A
3B
3Y
SN54LVC257A ...J OR W PACKAGE
SN74LVC257A . . . D, DB, NS,
OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
4B
NC
4Y
3A
SN54LVC257A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1B
1Y
NC
2A
2B
description/ordering information
These quadruple 2-line to 1-line data selectors/multiplexers are designed for 1.65-V to 3.6-V VCC operation.
The ’LVC257A devices are designed to multiplex signals from 4-bit data sources to 4-output data lines in
bus-organized systems. The 3-state outputs do not load the data lines when the output-enable (OE) input is at
a high logic level.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Reel of 1000
SN74LVC257ARGYR
LC257A
Tube of 40
SN74LVC257AD
SOIC − D
Reel of 2500
SN74LVC257ADR
LVC257A
SOIC − D
Reel of 250
SN74LVC257ADT
LVC257A
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74LVC257ANSR
LVC257A
−40 C to 85 C
SSOP − DB
Reel of 2000
SN74LVC257ADBR
LC257A
Tube of 90
SN74LVC257APW
TSSOP − PW
Reel of 2000
SN74LVC257APWR
LC257A
TSSOP − PW
Reel of 250
SN74LVC257APWT
LC257A
CDIP − J
Tube of 25
SNJ54LVC257AJ
SNJ54LVC257AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LVC257AW
SNJ54LVC257AW
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54LVC257AFK
SNJ54LVC257AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74LVC257APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC257APWR TI-SN74LVC257APWR Datasheet
893Kb / 23P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74LVC257APWR TI1-SN74LVC257APWR Datasheet
1Mb / 30P
Quadruple 2-Line to 1-Line Data Selectors
SN74LVC257APWR TI1-SN74LVC257APWR Datasheet
2Mb / 40P
SNx4LVC257A Quadruple 2-Line to 1-Line Data Selectors and Multiplexers With 3-State Outputs
MAY 2024
SN74LVC257APWRE4 TI-SN74LVC257APWRE4 Datasheet
893Kb / 23P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74LVC257APWRE4 TI1-SN74LVC257APWRE4 Datasheet
1Mb / 30P
Quadruple 2-Line to 1-Line Data Selectors
More results

Similar Description - SN74LVC257APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS257A TI-SN54ALS257A Datasheet
139Kb / 9P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F257 TI-SN54F257 Datasheet
74Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F258 TI-SN54F258 Datasheet
75Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI-SN54HC257 Datasheet
478Kb / 16P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HCT257 TI-SN54HCT257 Datasheet
272Kb / 9P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74HCT257 TI-SN74HCT257 Datasheet
267Kb / 8P
QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS/ MULTIPLEXERS WITH 3 STATE OUTPUTS
SN54AHCT257 TI-SN54AHCT257 Datasheet
110Kb / 7P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI-SN54HC257_06 Datasheet
471Kb / 17P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F258 TI1-SN54F258_12 Datasheet
79Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI1-SN54HC257_15 Datasheet
1Mb / 21P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com