Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

88970310 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 88970310
Description  Millenium 3 can be removed for speedy replacement of the logic controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

88970310 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  88970310 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Removable connectors MA Part number 88970310
Millenium 3 can be removed for speedy replacement of the logic controller
Cable connection memory to exclude the risk of errors on reconnection
2 types available : for Millenium 3 screw-type terminal and for Millenium 3 RBT
Part numbers
Specifications
Type
Description
88970310
MA
Removable kit for Millenium 3 CD12 or CB12 (screw-type terminal)
Screw terminals connection capacity
Cable diameter 0.14 →2.5 mm
2 AWG 22 - 12
Max. current
12 A (10 A UL)
Comments
Unless otherwise specified, the characteristics given are applicable to all or part of the product range selected
02/11/2015
www.crouzet.com


Similar Part No. - 88970310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
88970311 ETC2-88970311 Datasheet
63Kb / 1P
Millenium 3 can be removed for speedy replacement of the logic controller
88970312 ETC2-88970312 Datasheet
63Kb / 1P
Millenium 3 can be removed for speedy replacement of the logic controller
More results

Similar Description - 88970310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
88950108 ETC2-88950108 Datasheet
146Kb / 3P
Current/voltage conversion of Millenium 3 input signals
88950109 ETC2-88950109 Datasheet
117Kb / 2P
Directly compatible with the "Potentiometer" parameter of an analogue input on the Millenium 3
88950112 ETC2-88950112 Datasheet
146Kb / 3P
Current/voltage conversion of Millenium 3 input signals
88970311 ETC2-88970311 Datasheet
63Kb / 1P
Millenium 3 can be removed for speedy replacement of the logic controller
88970312 ETC2-88970312 Datasheet
63Kb / 1P
Millenium 3 can be removed for speedy replacement of the logic controller
logo
PHOENIX CONTACT
0830528 PHOENIX-0830528 Datasheet
51Kb / 3P
Label, can be removed - EML-RM (8X8)R
0830531 PHOENIX-0830531 Datasheet
51Kb / 3P
Label, can be removed - EML-RM (20X7)R
0830533 PHOENIX-0830533 Datasheet
50Kb / 3P
Label, can be removed - EML-RM (25X8)R
0830537 PHOENIX-0830537 Datasheet
51Kb / 3P
Label, can be removed - EML-RM (40X15)R
0830538 PHOENIX-0830538 Datasheet
50Kb / 3P
Label, can be removed - EML-RM (45X5)R
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com