Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SXT-289 Datasheet(PDF) 6 Page - Stanford Microdevices

Part # SXT-289
Description  1800-2500 MHz Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SXT-289 Datasheet(HTML) 6 Page - Stanford Microdevices

  SXT-289 Datasheet HTML 1Page - Stanford Microdevices SXT-289 Datasheet HTML 2Page - Stanford Microdevices SXT-289 Datasheet HTML 3Page - Stanford Microdevices SXT-289 Datasheet HTML 4Page - Stanford Microdevices SXT-289 Datasheet HTML 5Page - Stanford Microdevices SXT-289 Datasheet HTML 6Page - Stanford Microdevices SXT-289 Datasheet HTML 7Page - Stanford Microdevices SXT-289 Datasheet HTML 8Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
6
522 Almanor Ave., Sunnyvale, CA 94085
EDS-101157 Rev D
SXT-289 1800-2500 MHz Power Amplifier
2140 MHz Application Circuit
Active Current Feedback Bias Circuit (for 5V supply)
2140 MHz Schematic
2140 MHz Evaluation Board Layout
2140 MHz Schematic
2140 MHz Evaluation Board Layout
Note: Circuit tuned for Output IP3
15 nH
18pF
1000pF
0.1
µF
(SIZE A)
390
180
Z=50
Ω, 56.7 °
39pF
1.0 pF
Rbias
15 nH
39pF
SXT-289
Vs
Voltage Feed Resistor Bias Circuit (for > 7V supply)
s
e
u
l
a
V
r
o
t
s
i
s
e
R
s
a
i
B
d
e
d
n
e
m
m
o
c
e
R
y
l
p
p
u
S
)
s
V
(
e
g
a
tl
o
V
V
7V
8V
0
1V
2
1
)
s
m
h
O
(
s
a
i
b
R8
17
27
42
6
g
n
it
a
R
r
e
w
o
PW
5
.
0W
0
.
1W
5
.
1W
0
.
2
y
c
n
e
u
q
e
r
Fz
H
M
0
4
1
2
)
B
d
(
n
i
a
G
l
a
n
g
i
S
ll
a
m
S0
.
5
1
)
m
B
d
(
3
P
I
t
u
p
t
u
O*
2
.
9
3
)
m
B
d
(
B
d
1
P0
.
3
2
NOTE: Reference Application Note AN-026 for more
information on Active Current Feedback Bias Circuit.
ALL COMPONENTS 0603 UNLESS NOTED OTHERWISE
RFout
RFin
39pF
39pF
18pF
1000pF
0.1uF
Rbias
15nH
15nH
390 Ohms
180 Ohms
SXT-289
1.0pF
STANFORD MICRODEVICES
SOT-89 Eval Board
ECB-101499 Rev A
Z=50
Ω,49.8 °
39pF
(Rohm)
UMZ1N
5
6
4
3
2
1
Vs = 5V
1000 pF
22 pF
0.1
µF
(SIZE A)
4.3
15 nH
1.0 pF
39pF
750
1.8K
220
SXT-289
22pF
1000pF
0.1 uF
UMZ1N
39pF
39pF
15nH
1.0p
F
4.3
1.8K
750
220
1
STANFORD MICRODEVICES
XAMP EVALUATION BOARD
ECB-101872 Rev A
SOT-89
*Note: IP3 performance degraded due to lower
(4.5V) device voltage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com