Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH5 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TH5
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, HI-TMP®, Very High Temperature 200 °C
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TH5 Datasheet(HTML) 1 Page - Vishay Siliconix

  TH5 Datasheet HTML 1Page - Vishay Siliconix TH5 Datasheet HTML 2Page - Vishay Siliconix TH5 Datasheet HTML 3Page - Vishay Siliconix TH5 Datasheet HTML 4Page - Vishay Siliconix TH5 Datasheet HTML 5Page - Vishay Siliconix TH5 Datasheet HTML 6Page - Vishay Siliconix TH5 Datasheet HTML 7Page - Vishay Siliconix TH5 Datasheet HTML 8Page - Vishay Siliconix TH5 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TH5
www.vishay.com
Vishay Sprague
Revision: 28-Sep-16
1
Document Number: 40146
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™,
Molded Case, HI-TMP®, Very High Temperature 200 °C
PERFORMANCE / ELECTRICAL
CHARACTERISTICS
Operating Temperature: -55 °C to +200 °C
Capacitance Range: 4.7 μF to 100 μF
Capacitance Tolerance: ± 10 %, ± 20 %
Voltage Range: 5 VDC to 24 VDC
FEATURES
• Operating temperature up to +200 °C
• Category voltage at +200 °C: same as rated
voltage (RV) at 25 °C to 85 °C
• 500 h continuous operation at RV
• Gold plated terminations
• 100 % surge current tested
• Standard EIA 535BAAC case sizes
• Moisture sensitivity level 1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Oil and petroleum
• High temperature sensing and drilling systems
• Industrial
• Safety critical industrial tools and products
• High temperature extended activities
• High temperature engines
• Electronic sensors
Note
(1) Other termination on request
Note
• Glue pad (non-conductive, part of molded case) is dedicated for glue attachment (as user option).
Note
• TH5 series capacitors have been designed for, and tested at category voltage at +200 °C for 500 h.
As with all Tantalum capacitors, reliability and life time may be extended by application of lower voltage.
ORDERING INFORMATION
TH5
E
106
K
021
B
1000
TYPE
CASE
CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
CATEGORY VOLTAGE
AT -55 °C TO +200 °C
TERMINATION /
PACKAGING
ESR
See Ratings
and Case
Codes table
This is expressed
in picofarads.
The first two
digits are the
significant
figures. The third
is the number
of zeros to follow.
K = ± 10 %
M = ± 20 %
This is expressed
in V. To complete the
three-digit block,
zeros precede the
voltage rating.
Gold
A = 7" (178 mm) reel
B = 13" (330 mm) reel
G = 7" (178 mm) ½ reel
Q = 7" (178 mm) partial reel
Other (1)
Maximum
100 kHz ESR
0500 = 500 m
5000 = 5
10R0 = 10.0
DIMENSIONS in inches [millimeters]
CASE CODE
EIA SIZE
L
W
H
P
TW
TH (MIN.)
D
7343-31
0.287 ± 0.012
[7.3 ± 0.30]
0.169 ± 0.012
[4.3 ± 0.30]
0.110 ± 0.012
[2.8 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.094 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
E
7343-43
0.287 ± 0.012
[7.3 ± 0.30]
0.170 ± 0.012
[4.3 ± 0.30]
0.158 ± 0.012
[4.0 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.095 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
H
W
T
W
P
L
T
H
(MIN.)
Glue Pad
Glue Pad


Similar Part No. - TH5

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TH50A TOPSTEK-TH50A Datasheet
131Kb / 3P
Topstek Current Transducer
TH50A-B12 TOPSTEK-TH50A-B12 Datasheet
131Kb / 3P
Topstek Current Transducer
logo
TALEMA Group. LLC
TH50T-0.85-680 TALEMA-TH50T-0.85-680 Datasheet
107Kb / 2P
Inductors for National 50kHz Simple SwitcherTM
TH50T-0.9-267 TALEMA-TH50T-0.9-267 Datasheet
107Kb / 2P
Inductors for National 50kHz Simple SwitcherTM
TH50T-0.9-330 TALEMA-TH50T-0.9-330 Datasheet
107Kb / 2P
Inductors for National 50kHz Simple SwitcherTM
More results

Similar Description - TH5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
04-Jun-08
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
09-Apr-13
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
04-Jul-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
08-Jan-14
TH4 VISHAY-TH4 Datasheet
575Kb / 15P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
06-Dec-16
TH3 VISHAY-TH3_17 Datasheet
576Kb / 19P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 150 °C, Automotive Grade
20-Jun-17
TH4 VISHAY-TH4_17 Datasheet
568Kb / 15P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
26-Jun-17
TL3 VISHAY-TL3 Datasheet
587Kb / 23P
Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
22-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com