Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCTX Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TMCTX
Description  Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCTX Datasheet(HTML) 2 Page - Vishay Siliconix

  TMCTX Datasheet HTML 1Page - Vishay Siliconix TMCTX Datasheet HTML 2Page - Vishay Siliconix TMCTX Datasheet HTML 3Page - Vishay Siliconix TMCTX Datasheet HTML 4Page - Vishay Siliconix TMCTX Datasheet HTML 5Page - Vishay Siliconix TMCTX Datasheet HTML 6Page - Vishay Siliconix TMCTX Datasheet HTML 7Page - Vishay Siliconix TMCTX Datasheet HTML 8Page - Vishay Siliconix TMCTX Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TMCTX
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
2
Document Number: 40183
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
10 V
16 V
20 V
25 V
35 V
1.0
B
1.5
BC
2.2
B
B
C
3.3
B
B
B
C
4.7
B
B
B
C
E
6.8
B
B
C
C
E
10
B
C
C
E
F
15
C
C
E
F
22
C
E
E / F
33
E
E / F
E / F
47
E / F
E / F
68
E / F
MARKING
SIMPLIFIED VOLTAGE CODES, CASE B
VOLTAGE CODE
V
CODE
10
A
16
C
20
D
25
E
35
V
SIMPLIFIED CAPACITANCE CODES, CASE B
CAPACITANCE CODE
μF
CODE
1.0
A6
1.5
E6
2.2
J6
3.3
N6
4.7
S6
6.8
W6
10
A7
N6A
B Case
Date code
Anode indication belt mark
Simplified code of rated voltage (16 V)
Simplified code of nominal
capacitance (N6: 3.3 μF)
C
16A
C, E, F Case
Date code
Anode indication belt mark
Rated voltage (16 V)
Nominal capacitance value (10 μF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com