Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1040IPWR Datasheet(PDF) 9 Page - Texas Instruments

Part # THS1040IPWR
Description  3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1040IPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS1040IPWR Datasheet HTML 5Page - Texas Instruments THS1040IPWR Datasheet HTML 6Page - Texas Instruments THS1040IPWR Datasheet HTML 7Page - Texas Instruments THS1040IPWR Datasheet HTML 8Page - Texas Instruments THS1040IPWR Datasheet HTML 9Page - Texas Instruments THS1040IPWR Datasheet HTML 10Page - Texas Instruments THS1040IPWR Datasheet HTML 11Page - Texas Instruments THS1040IPWR Datasheet HTML 12Page - Texas Instruments THS1040IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
THS1040
SLAS290C − OCTOBER 2001 − REVISED OCTOBER 2004
9
www.ti.com
TYPICAL CHARACTERISTICS
Figure 5
−40
−45
−50
−55
−60
−65
−70
−75
−80
0
10 20
30 40
50 60 70 80 90 100 110 120
−0.5 dBFS
−6 dBFS
−20 dBFS
TOTAL HARMONIC DISTORTION
vs
INPUT FREQUENCY
fi − Input Frequency − MHz
1-V FS Differential Input Range
See Note
Figure 6
0
10 2030 405060 70 80 90 100 110 120
TOTAL HARMONIC DISTORTION
vs
INPUT FREQUENCY
fi − Input Frequency − MHz
2-V FS Differential Input Range
−0.5 dBFS
−6 dBFS
−20 dBFS
See Note
−40
−45
−50
−55
−60
−65
−70
−75
−85
−80
Figure 7
47
49
51
53
55
57
59
61
SIGNAL-TO-NOISE RATIO
vs
INPUT FREQUENCY
fi − Input Frequency − MHz
Diff Input = 2 V
SE Input = 1 V
Diff Input = 1 V
SE Input = 2 V
0
1020 3040 506070 80 90 100 110 120
See Note
Figure 8
32
42
52
62
72
82
0
10
20 30 40
50 60 70 80
90 100 110 120
Diff Input = 2 V
Diff Input = 1 V
SE Input = 2 V
SPURIOUS FREE DYNAMIC RANGE
vs
INPUT FREQUENCY
fi − Input Frequency − MHz
SE Input = 1 V
See Note
NOTE: AVDD = DVDD = 3 V, fS = 40 MSPS,
20-pF capacitors AIN+ to AGND and AIN− to AGND,
Input series resistor = 25
Ω,
2-V Input: Ext Ref, REFT = 2 V, REFB = 1 V, −0.5 dBFS
1-V Input: Ext Ref, REFT = 1.75 V, REFB = 1.25 V, −0.5 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com