Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1543CDBLE Datasheet(PDF) 17 Page - Texas Instruments

Part # TLV1543CDBLE
Description  3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1543CDBLE Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV1543CDBLE Datasheet HTML 13Page - Texas Instruments TLV1543CDBLE Datasheet HTML 14Page - Texas Instruments TLV1543CDBLE Datasheet HTML 15Page - Texas Instruments TLV1543CDBLE Datasheet HTML 16Page - Texas Instruments TLV1543CDBLE Datasheet HTML 17Page - Texas Instruments TLV1543CDBLE Datasheet HTML 18Page - Texas Instruments TLV1543CDBLE Datasheet HTML 19Page - Texas Instruments TLV1543CDBLE Datasheet HTML 20Page - Texas Instruments TLV1543CDBLE Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
TLV1543C, TLV1543I, TLV1543M
3.3V 10BIT ANALOGTODIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS072E − DECEMBER 1992 − REVISED JANUARY 2004
17
WWW.TI.COM
APPLICATION INFORMATION
simplified analog input analysis
Using the equivalent circuit in Figure 17, the time required to charge the analog input capacitance from 0 to VS
within 1/2 LSB can be derived as follows:
The capacitance charging voltage is given by
VC = VS 1−e
−t c/RtCi
(
)
(1)
Where:
Rt = Rs + ri
The final voltage to 1/2 LSB is given by
(2)
VC (1/2 LSB) = VS − (VS/2048)
Equating equation 1 to equation 2 and solving for time tc gives
VS −(VS/2048) = VS 1−e
(
)
(3)
−t c/RtCi
and
tc (1/2 LSB) = Rt × Ci × ln(2048)
(4)
Therefore, with the values given the time for the analog input signal to settle is
(5)
tc (1/2 LSB) = (Rs + 1 kΩ) × 60 pF × ln(2048)
This time must be less than the converter sample time shown in the timing diagrams.
Rs
ri
VS
VC
1 k
Ω MAX
Driving Source†
TLV1543
Ci
VI
VI = Input Voltage at A0 −A10
VS = External Driving Source Voltage
Rs = Source Resistance
ri = Input Resistance
Ci = Input Capacitance
† Driving source requirements:
• Noise and distortion for the source must be equivalent to the
resolution of the converter.
• Rs must be real at the input frequency.
Figure 17. Equivalent Input Circuit Including the Driving Source
60 pF MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com