Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC200 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # ABC200
Description  Active Power Factor Correction
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC200 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  ABC200 Datasheet HTML 1Page - Bel Fuse Inc. ABC200 Datasheet HTML 2Page - Bel Fuse Inc. ABC200 Datasheet HTML 3Page - Bel Fuse Inc. ABC200 Datasheet HTML 4Page - Bel Fuse Inc. ABC200 Datasheet HTML 5Page - Bel Fuse Inc. ABC200 Datasheet HTML 6Page - Bel Fuse Inc. ABC200 Datasheet HTML 7Page - Bel Fuse Inc. ABC200 Datasheet HTML 8Page - Bel Fuse Inc. ABC200 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ABC200 Series
5
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2017 Bel Power Solutions & Protection
BCD.G0201_AC
General Condition:
TA = -10 to +50°C unless otherwise noted. Derate linearly from 50°C to 50% at 70°C.
Active fan air cooling required: 200 LFM (1 m/s).
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNIT
Main Output VO
VO
Nominal Output Voltage
0.5
∙IO, Tamb = 25 °C,
ABC200-1012G
12.0
VDC
ABC200-1024G
24.0
ABC200-1048G
48.0
VO set
Output Setpoint Accuracy
0.5
∙IO, Tamb = 25 °C
ABC200-1012G
11.95
12.05
VDC
ABC200-1024G
23.90
24.10
ABC200-1048G
47.80
48.20
PO
Nominal Output Power
ABC200-1012G
180
W
ABC200-1024G
204
W
ABC200-1048G
204
W
IO
Nominal Output Current
ABC200-1012G
13
15
ADC
ABC200-1024G
7.5
8.5
ADC
ABC200-1048G
3.5
4.25
ADC
VO ripple Output Ripple & Noise
VO nom, IO nom, 20 MHz BW
ABC200-1012G
120
mV
ABC200-1024G
240
mV
ABC200-1048G
480
mV
d
VO
Load Regulation
Vi = Vi nom, 0 - 100 % IO nom,
ABC200-1012G
60
120
mV
ABC200-1024G
120
240
mV
ABC200-1048G
240
480
mV
d
Vi Line Line Regulation
Vi =Vi min…Vi max,
ABC200-1012G
12
120
mV
ABC200-1024G
24
240
mV
ABC200-1048G
96
480
mV
d
Vdyn
Dynamic Load Regulation
ΔIO = 50% IO nom,
IO = 50 … 100% IO max,
d
IO/dt = 1 A/μs,
recovery within 5% of
VO nom
ABC200-1012G
0.6
VDC
ABC200-1024G
1.2
VDC
ABC200-1048G
2.4
VDC
Trec
Recovery Time
ABC200-10XXG
2
ms
t Delay
Turn On Delay Time
See Figure 5 and Figure 6
0
1.5
2.5
sec
t rise
Rise Time
VO = 10…90% VO nom (see Figure 10)
20
ms
Note: For ABC200-1048G, maximum rise time is 30 ms
CLoad
Capacitive Loading
Tamb = 25 °C
ABC200-1012G
3300
μF
ABC200-1024G
1800
μF
ABC200-1048G
1000
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com