Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC600 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC600
Description  Active power factor correction
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC600 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC600 Datasheet HTML 1Page - Bel Fuse Inc. ABC600 Datasheet HTML 2Page - Bel Fuse Inc. ABC600 Datasheet HTML 3Page - Bel Fuse Inc. ABC600 Datasheet HTML 4Page - Bel Fuse Inc. ABC600 Datasheet HTML 5Page - Bel Fuse Inc. ABC600 Datasheet HTML 6Page - Bel Fuse Inc. ABC600 Datasheet HTML 7Page - Bel Fuse Inc. ABC600 Datasheet HTML 8Page - Bel Fuse Inc. ABC600 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 866 513 2839
© 2016 Bel Power Solutions, Inc.
BCD.00336_AF
The ABC600 Series of open frame power supplies feature a wide
universal AC input range of 90 – 277 VAC, offering 600 W of output
power in a compact footprint.
The high efficiency and high power density of the ABC family ensures
minimal power loss in end-use equipment, thereby facilitating higher
reliability, easier thermal management and meets regulatory approvals
for environmentally-friendly end products.
ABC Series power supplies are ideal for telecom, datacom, industrial
equipment and other applications.
600 W standard, 420 W convection cooled
Size: 5.0” x 8.0” x 1.6” (127.0 x 203.2 x 40.6 mm)
High efficiency up to 94.0%
Universal input voltage range: 90-277 VAC
Active power factor correction
Less than 5 W dissipation at standby mode
Parallel operation with active current sharing
Digital control for circuit loop and power management
Fully protected ( OTP, OCP, OVP, SCP )
PMBusTM for control, programming and monitoring
Both AC input and DC input are available
Designed to meet Class B per CISPR 22 and EN 55022
Approved to the latest edition of the following standards:
UL/CSA60950-1, EN60950-1, and IEC60950-1
CE marked LVD
Instrumentation
Lighting
Industrial Applications
Applied Computing
Datacom
Renewable Energy
Test and Measurement
Robotics
Wireless Communication
Process Control


Similar Part No. - ABC600

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC600 BEL-ABC600 Datasheet
711Kb / 12P
600 W standard, 420 W convection cooled
ABC600-1012G BEL-ABC600-1012G Datasheet
1Mb / 11P
The high efficiency and high power density of the ABC family ensures
ABC600-1012G BEL-ABC600-1012G Datasheet
711Kb / 12P
600 W standard, 420 W convection cooled
ABC600-1015G BEL-ABC600-1015G Datasheet
711Kb / 12P
600 W standard, 420 W convection cooled
ABC600-1024G BEL-ABC600-1024G Datasheet
711Kb / 12P
600 W standard, 420 W convection cooled
More results

Similar Description - ABC600

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
Active power factor correction
HPS3KW EMERSON-NETWORKPOWER-HPS3KW Datasheet
225Kb / 3P
Active Power Factor Correction
HPS35 EMERSON-NETWORKPOWER-HPS35 Datasheet
864Kb / 4P
Active Power Factor Correction
LPQ250 EMERSON-NETWORKPOWER-LPQ250 Datasheet
404Kb / 3P
Active power factor correction
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
Active power factor correction
LPS350 EMERSON-NETWORKPOWER-LPS350 Datasheet
508Kb / 2P
Active power factor correction
NTS500 EMERSON-NETWORKPOWER-NTS500 Datasheet
457Kb / 3P
Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
Active power factor correction
logo
Bel Fuse Inc.
ABC200 BEL-ABC200 Datasheet
1Mb / 11P
Active Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com