Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMS7 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # IMS7
Description  7-Watt DC-DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMS7 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  IMS7 Datasheet HTML 1Page - Bel Fuse Inc. IMS7 Datasheet HTML 2Page - Bel Fuse Inc. IMS7 Datasheet HTML 3Page - Bel Fuse Inc. IMS7 Datasheet HTML 4Page - Bel Fuse Inc. IMS7 Datasheet HTML 5Page - Bel Fuse Inc. IMS7 Datasheet HTML 6Page - Bel Fuse Inc. IMS7 Datasheet HTML 7Page - Bel Fuse Inc. IMS7 Datasheet HTML 8Page - Bel Fuse Inc. IMS7 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IMX7, IMS7 Series Data Sheet
7-Watt DC-DC Converters
BCD20007-G Rev AF, 31-Jul-2015
Page 2 of 14
MELCHER
The Power Partners.
Model Selection
Table 1: Model Selection
Output 1
Output 21
Output power
Input voltage
Efficiency
Model
Options
Vo1 nom
Io1 nom
Vo2 nom
Io2 nom
Po nom
range
ηηηηηmin
ηηηηηtyp
[V]
[A]
[V]
[A] 1
[W ]
[ V]
[%]
[%]
3.3
1.5
-
-
5
8.4 – 36
74
78
20IMX7-03-8
Z, G
3.3
1.5
-
-
5
14 – 36
75.5
79
24IMS7-03-9
Z, G
3.3
1.5
-
-
5
16.82 – 75
74.7
79
40IMX7-03-8
Z, G
3.3
1.5
-
-
5
36 – 75
77
79
48IMS7-03-9
Z, G
3.3
1.5
-
-
5
40 – 121
76
78
70IMX7-03-8
Z, G
3.3
1.5
-
-
5
60 – 150 2
74.5
78
110IMX7-03-8
Z, G
5.1
1.2
-
-
6.1
8.4 – 36
75.5
78
20IMX7-05-8
M, Z, G
5.1
1.2
-
-
6.1
14 – 36
77
80
24IMS7-05-9
Z, G
5.1
1.2
-
-
6.1
16.82 – 75
79
81
40IMX7-05-8
M, Z, G
5.1
1.2
-
-
6.1
36 – 75
78
81
48IMS7-05-9
Z, G
5.1
1.2
-
-
6.1
40 – 121
75.5
78
70IMX7-05-8
M, Z, G
5.1
1.2
-
-
6.1
60 – 150 3
76
79
110IMX7-05-8
M, Z, G
5
0.6
5
0.6
6
8.4 – 36
77
81
20IMX7-05-05-8
M, Z, G
5
0.7
5
0.7
7
14 – 36
79
82
24IMS7-05-05-9
Z, G
5
0.7
5
0.7
7
16.82 – 75
79.5
82
40IMX7-05-05-8
M, Z, G
5
0.7
5
0.7
7
36 – 75
81.5
83
48IMS7-05-05-9
Z, G
5
0.7
5
0.7
7
40 – 121
81
82
70IMX7-05-05-8
M, Z, G
5
0.7
5
0.7
7
60 – 150 3
78
80
110IMX7-05-05-8
M, Z, G
12
0.25
12
0.25
6
8.4 – 36
80.5
83
20IMX7-12-12-8
M, Z, G
12
0.3
12
0.3
7.2
14 – 36
81.5
85
24IMS7-12-12-9
Z, G
12
0.3
12
0.3
7.2
16.82 – 75
82.5
84
40IMX7-12-12-8
M, Z, G
12
0.3
12
0.3
7.2
36 – 75
82
84
48IMS7-12-12-9
Z, G
12
0.3
12
0.3
7.2
40 – 121
83
85
70IMX7-12-12-8
M, Z, G
12
0.3
12
0.3
7.2
60 – 150 3
80
83
110IMX7-12-12-8
M, Z, G
15
0.2
15
0.2
6
8.4 – 36
81
83
20IMX7-15-15-8
M, Z, G
15
0.24
15
0.24
7.2
14 – 36
81.5
84
24IMS7-15-15-9
Z, G
15
0.24
15
0.24
7.2
16.82 – 75
81
84
40IMX7-15-15-8
M, Z, G
15
0.24
15
0.24
7.2
36 – 75
82
84
48IMS7-15-15-9
Z, G
15
0.24
15
0.24
7.2
40 – 121
81.5
83
70IMX7-15-15-8
M, Z, G
15
0.24
15
0.24
7.2
60 – 150 3
79
82
110IMX7-15-15-8
M, Z, G
24
0.13
24
0.13
6.2
8.4 – 36
79
83
20IMX7-24-24-8
M, Z, G
24
0.15
24
0.15
7.2
14 – 36
82
84
24IMS7-24-24-9
Z, G
24
0.15
24
0.15
7.2
16.82 – 75
82
84
40IMX7-24-24-8
M, Z, G
24
0.15
24
0.15
7.2
36 – 75
82
84
48IMS7-24-24-9
Z, G
24
0.15
24
0.15
7.2
40 – 121
80
83
70IMX7-24-24-8
M, Z, G
24
0.15
24
0.15
7.2
60 – 150 3
81
84
110IMX7-24-24-8
M, Z, G
1 Flexible load distribution on double-outputs possible. If only one output is used, connect both outputs of double-output models in parallel.
2 Operation at low input voltage possible, if Po is reduced to approx. 80% of Po nom at Vi min = 14.1 V.
3 Up to 154 V for 2 s
NFND: Not for new designs.
Preferred for new designs
Note: Use 20IMX7 to replace 24IMS7 and 40IMX7 to replace 48IMS7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com