Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3FT8F1 Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3FT8F1
Description  TRIACS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3FT8F1 Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3FT8F1 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8F1 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8F1 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8F1 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8F1 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8F1 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8F1 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8F1 Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8F1 Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
R
3FT8Z/C/F/U/V/F1
版本:
201612F
4/11
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
Ptot- IT(RMS)
IT(RMS) - Tc
通态方均根电流
IT(RMS)(A)
管壳温度
Tc (℃)
ITSM - tp
IT(RMS)- ts
脉冲宽度
tp(ms)
冲击持续时间
ts(s)
IGT(Tj)/IGT(25℃) - Tj
VTM - IT
结温
Tj(℃)
通态压降
VTM(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com