Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3TT16F Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3TT16F
Description  TRIACS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3TT16F Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3TT16F Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3TT16F Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3TT16F Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3TT16F Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3TT16F Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3TT16F Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3TT16F Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3TT16F Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3TT16F Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
R
版本:
201612I
1/10
双向晶闸管
TRIACS
3TT16Z/C/J/F/F1
主要参数
MAIN CHARACTERISTICS
IT(RMS)
16A
VDRM
600V or 800V
IGT
35mA
用途
APPLICATIONS
交流开关
AC switching
相位控制
Phase control
产品特性
FEATURES
玻璃钝化芯片,
高可靠性和一
致性
Glass-passivated mesa
chip for reliability and
uniform
三象限可控硅,
触发电流的一
致性好
Uniform gate trigger
currents in three
quadrants
环保 RoHS 产品
RoHS products
封装
Package
序号
Pin
引线名称
Description
1
主电极
1
MT1
2
主电极
2
MT2
3
门极
G
订货信息
ORDER MESSAGES
订 货 型 号
Order code
Marking
Package
Packaging
3TT16Z-O-Z-N-B
3TT16Z
TO-220B
条管
Tube
3TT16C-O-C-N-B
3TT16C
TO-220C
条管
Tube
3TT16J-O-J-N-B
3TT16J
TO-220S
条管
Tube
3TT16F-O-HF-N-B
3TT16F
TO-220HF
条管
Tube
3TT16F-O-F1-N-B
3TT16F1
TO-220MF-K1
条管
Tube
概述
GENERAL DESCRIPTION
3TT16Z/C/J/F1是玻璃钝化芯片结构的三象限双向晶闸管,产品在第四象限不可触发,具
有较高的使用可靠性。可适用于容易出现较高
dV/dt或dI/dt的交流全波控制线路中,特别推荐应
用与电感性负载控制(如电机控制线路)。器件封装形式有
TO-220B、TO-220C、TO-220S(引
线与散热片绝缘)、
TO-220HF(塑料全包封)、TO-220MF-K1(塑料全包封)。
3TT16Z/C/J/F1 are Glass passivated three quadrant triacs, designed for high
performance full-wave ac control applications where high static and dynamic dV/dt and high
dI/dt can occur. They are specially recommended for use on inductive loads such as motor
control circuits. Available packages are TO-220B、TO-220C、TO-220S (internally isolated)、
TO-220HF (plastic envelope) and TO-220MF-K1 (plastic envelope)
TO-220B
TO-220HF
TO-220S
TO-220C
TO-220MF-K1


Similar Part No. - 3TT16F

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3TT16F-O-F1-N-B JSMC-3TT16F-O-F1-N-B Datasheet
539Kb / 10P
TRIACS
3TT16F-O-HF-N-B JSMC-3TT16F-O-HF-N-B Datasheet
514Kb / 9P
TRIACS
3TT16F-O-HF-N-B JSMC-3TT16F-O-HF-N-B Datasheet
539Kb / 10P
TRIACS
3TT16F1 JSMC-3TT16F1 Datasheet
539Kb / 10P
TRIACS
More results

Similar Description - 3TT16F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
Triacs
October 1997 Rev 1.200
BT137X PHILIPS-BT137X Datasheet
53Kb / 7P
Triacs
September 1997 Rev 1.200
BT138B PHILIPS-BT138B Datasheet
52Kb / 6P
Triacs
October 1997 Rev 1.200
BTA140 PHILIPS-BTA140 Datasheet
47Kb / 6P
Triacs
September 1997 Rev 1.200
logo
STMicroelectronics
BTB15B STMICROELECTRONICS-BTB15B Datasheet
177Kb / 4P
TRIACS
Feb-1989
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com