Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30F120C Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 30F120C
Description  FAST RECOVER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

30F120C Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  30F120C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F120C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F120C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F120C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F120C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F120C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
版本:
201510C
1/5
快恢复二极管
FAST RECOVER DIODE
30F120C/30F120W/30F120AB
订 货 型 号
Order codes
印
记
Marking
封
装
Package
包
装
Packaging
器件重量
Device Weight
30F120AB
30F120AB
TO-3PB2L
条管
Tube
5.20 g(typ)
30F120W
30F120W
TO-2472L
条管
Tube
6.20 g(typ)
30F120C
30F120C
TO-220C2L
条管
Tube
2.10 g(typ)
封装 Package
产品特性
低功耗,高效率
高可靠性
环保(
RoHS)产品
FEATURES
Low power loss, high efficiency
High reliability
RoHS product
TO-3PB2L
订货信息 ORDER MESSAGE
主要参数
MAIN
CHARACTERISTICS
IF(AV)
30A
VR
1200 V
Tj(max)
150℃
VF(typ)
2.2V
trr(typ)
45ns
TO-220C2L
APPLICATIONS
Snubber diode
Switch power supply
UPS
Antiparalle Diode for high frequ
ency switching devices
用途
吸收回路
开关电源
UPS
高频开关器件并联
二极管
TO-2472L


Similar Part No. - 30F120C

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
30F120FA THINKISEMI-30F120FA Datasheet
278Kb / 2P
30.0 Ampere Insulated Dual Common Cathode Fast Recovery Rectifiers
Rev.12T
logo
JILIN SINO-MICROELECTRO...
30F120WT JSMC-30F120WT Datasheet
854Kb / 5P
FAST RECOVERY DIODE
202309D
30F120WT-GL-B JSMC-30F120WT-GL-B Datasheet
854Kb / 5P
FAST RECOVERY DIODE
202309D
More results

Similar Description - 30F120C

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
5F40HF JSMC-5F40HF Datasheet
231Kb / 5P
FAST RECOVER DIODE
5F60D JSMC-5F60D Datasheet
237Kb / 5P
FAST RECOVER DIODE
10F40HF JSMC-10F40HF Datasheet
230Kb / 5P
FAST RECOVER DIODE
10F40HF3S JSMC-10F40HF3S Datasheet
277Kb / 5P
FAST RECOVER DIODE
10F60HF JSMC-10F60HF Datasheet
260Kb / 6P
FAST RECOVER DIODE
10F60UHF JSMC-10F60UHF Datasheet
254Kb / 6P
FAST RECOVER DIODE
12F60UHF JSMC-12F60UHF Datasheet
284Kb / 6P
FAST RECOVER DIODE
20F60HF3 JSMC-20F60HF3 Datasheet
455Kb / 5P
Fast Recover Diode
60F30SAB3 JSMC-60F30SAB3 Datasheet
410Kb / 5P
FAST RECOVER DIODE
75F120W JSMC-75F120W Datasheet
220Kb / 5P
FAST RECOVER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com