Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABS210 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # ABS210
Description  Bridge Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

ABS210 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  ABS210 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. ABS210 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. ABS210 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. ABS210 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. ABS210 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R
版本(Rev.):201606A
1/5
整流桥
Bridge Rectifiers
ABS210
主要参数 MAIN CHARACTERISTICS
IF(AV)
2A
VRRM
1000 V
Tj
150℃
VF(max)
1.1V
订货型号
Order codes
印
记
Marking
封
装
Package
无卤素
Halogen Free
包
装
Packaging
器件重量
Device Weight
ABS210-BA-A
ABS210
ABS
否
NO
卷盘
Reel
101mg(approx.)
FEATURES
Glass passivated junction
Low forward voltage drop
High current capability
High surge current capability
Designed for surface mount application
订货信息
ORDER MESSAGE
产品特性
玻璃钝化芯片
低正向压降
高电流能力
高浪涌能力
适用于表面贴装
封装 Package
ABS


Similar Part No. - ABS210

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
ABS210 THINKISEMI-ABS210 Datasheet
457Kb / 2P
2.0 Ampere Surface Mount Miniature Bridge Rectifier
logo
Nanjing International G...
ABS210 DGNJDZ-ABS210 Datasheet
366Kb / 2P
Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
ABS210 YFWDIODE-ABS210 Datasheet
420Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
ABS210 CHONGQING-ABS210 Datasheet
215Kb / 2P
SINGLE PHASE2.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
ABS210 JUXING-ABS210 Datasheet
4Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
More results

Similar Description - ABS210

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com