Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7150 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7150
Description  Converter for Proximity Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7150 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7150_17 Datasheet HTML 9Page - Analog Devices AD7150_17 Datasheet HTML 10Page - Analog Devices AD7150_17 Datasheet HTML 11Page - Analog Devices AD7150_17 Datasheet HTML 12Page - Analog Devices AD7150_17 Datasheet HTML 13Page - Analog Devices AD7150_17 Datasheet HTML 14Page - Analog Devices AD7150_17 Datasheet HTML 15Page - Analog Devices AD7150_17 Datasheet HTML 16Page - Analog Devices AD7150_17 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AD7150
Rev. 0 | Page 12 of 28
SENSITIVITY
In adaptive threshold mode, the output comparator threshold is
set as a defined distance (sensitivity) above the data average,
below the data average, or both, depending on the selected
threshold mode of operation (see Figure 31). The sensitivity
value is programmable in the range 0 to 255 LSBs of the 12-bit
CDC converter (see the Register Descriptions section).
NEGATIVE
THRESHOLD
POSITIVE
THRESHOLD
DATA AVERAGE
OUTPUT ACTIVE
TIME
SENSITIVITY
DATA
SENSITIVITY
Figure 31. Threshold Sensitivity
HYSTERESIS
In adaptive threshold mode, the comparator features hysteresis.
The hysteresis is fixed to one-fourth of the threshold sensitivity
and can be programmed on or off. The comparator does not
have hysteresis in the fixed threshold mode.
OUTPUT
POSITIVE
THRESHOLD
DATA AVERAGE
OUTPUT ACTIVE
TIME
HYSTERSIS
DATA
Figure 32. Threshold Hysteresis
TIMEOUT
In the case of a large, long change in the capacitive input, when
the data average adapting to a new condition may take too long,
a timeout can be set.
The timeout becomes active (counting) when the CDC data
goes outside the band of data average ± sensitivity. When the
timeout elapses (a defined number of CDC conversions is
counted), the data average (and thus the thresholds), is forced to
follow the new CDC data value immediately (see Figure 33).
The timeout can be set independently for approaching (for change
in data toward the threshold) and for receding (for change in data
away from the threshold). See Figure 34, Figure 35, and the
Register Descriptions section.
DATA AVERAGE
+ SENSITIVITY
LARGE CHANGE IN DATA
DATA AVERAGE
DATA AVERAGE
– SENSITIVITY
TIME
TIMEOUT
Figure 33. Threshold Timeout After a Large Change in CDC Data
INPUT CAPACITANCE
THRESHOLD
OUTPUT
DATA AVERAGE
OUTPUT ACTIVE
TIME
TIMEOUT APPROACHING
Figure 34. Approaching Timeout in Negative Threshold Mode
Shortens False Output Trigger
INPUT
CAPACITANCE
LARGE CHANGE
THRESHOLD
OUTPUT
OUTPUT ACTIVE
TIME
TIMEOUT RECEDING
Figure 35. Positive Timeout in Negative Threshold Mode
Shortens Period of Missing Output Trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com