Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6552 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VS6552
Description  VGA Color CMOS Image Sensor Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6552 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VS6552 Datasheet HTML 4Page - STMicroelectronics VS6552 Datasheet HTML 5Page - STMicroelectronics VS6552 Datasheet HTML 6Page - STMicroelectronics VS6552 Datasheet HTML 7Page - STMicroelectronics VS6552 Datasheet HTML 8Page - STMicroelectronics VS6552 Datasheet HTML 9Page - STMicroelectronics VS6552 Datasheet HTML 10Page - STMicroelectronics VS6552 Datasheet HTML 11Page - STMicroelectronics VS6552 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
VS6552
8/26
Figure 3. VS6552 Power-up Sequence
3.4.2 Active Signals with Unpowered VS6552
All signals going into the VS6552 must be either at
a low state or high impedance when power is re-
moved from the device. The exceptions to this rule
are the I2C lines which may be at a low or high
state and the clock which can be active.
3.5 Clock and Frame Rate Timing
3.5.1 Video Frame Rate Control
The output frame rate of VS6552 can be reduced
by extending the frame length. The extension is
achieved by adding 'blank' video lines to act as
timing padding. This is advantageous as it does
not reduce the pixel readout rate and therefore
does not introduce unwanted motion distribution
effects to the image. The frame rate can be re-
duced from the default 30 frame/s at VGA resolu-
tion to less than 3 frame/s at VGA resolution.
3.5.2 PLL and Clock Input
A PLL IP block is embedded. This block generates
all necessary internal clocks from an input range
defined in Table 5. The input clock pad accepts up
to 26 MHz signals.
Table 5. System Input Clock Frequency Range
3.5.3 Clock Input Type
VS6552 can receive the following clock types:
Single ended CMOS
Single ended Sine wave
Clock can be AC or DC coupled
The clock is fail-safe.
PDN
CLK
AVDD (2.8V)
VDD (1.8V)
MSDA
MSCL
Mode Change: Clock active -> Idle
Clock active
Standby
Idle
Sleep
Streaming
PCLKP/N
PDATAP/N
Mode Change: Sleep -> Clock active
Mode Command: Idle -> Streaming
also enable data output
and enable data qualification clock and
general configuration
System clock frequencya
a.The standard supported input frequencies (in MHz) are as
follows: 6.5, 8.4, 9, 9.6, 9.72, 12,13, 16.8, 18, 19.2,
19.44, 26.
Min. (MHz)
Max. (MHz)
6.5
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com