Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC838 Datasheet(PDF) 12 Page - Vitesse Semiconductor Corporation

Part # VSC838
Description  3.2Gb/s 36x37 Crosspoint Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC838 Datasheet(HTML) 12 Page - Vitesse Semiconductor Corporation

Back Button VSC838 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 16Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC838
3.2Gb/s
36x37 Crosspoint Switch
Page 12
G52351-0, Rev 3.0
02/12/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 10: Package Pin Indentifications
Signal Name
Ball
Description
Level
High-Speed Data Inputs
A0, AN0
D23, E23
High-Speed Data Input Channel 0; True, Complement
PECL
A1, AN1
AH23, AJ23
High-Speed Data Input Channel 1; True, Complement
PECL
A2, AN2
B23, A23
High-Speed Data Input Channel 2; True, Complement
PECL
A3, AN3
AF23, AE23
High-Speed Data Input Channel 3; True, Complement
PECL
A4, AN4
D21, E21
High-Speed Data Input Channel 4; True, Complement
PECL
A5, AN5
AH21, AJ21
High-Speed Data Input Channel 5; True, Complement
PECL
A6, AN6
B21, A21
High-Speed Data Input Channel 6; True, Complement
PECL
A7, AN7
AF21, AE21
High-Speed Data Input Channel 7; True, Complement
PECL
A8, AN8
D19, E19
High-Speed Data Input Channel 8; True, Complement
PECL
A9, AN9
AH19, AJ19
High-Speed Data Input Channel 9; True, Complement
PECL
A10, AN10
B19, A19
High-Speed Data Input Channel 10; True, Complement
PECL
A11, AN11
AF19, AE19
High-Speed Data Input Channel 11; True, Complement
PECL
A12, AN12
D17, E17
High-Speed Data Input Channel 12; True, Complement
PECL
A13, AN13
AH17, AJ17
High-Speed Data Input Channel 13; True, Complement
PECL
A14, AN14
B17, A17
High-Speed Data Input Channel 14; True, Complement
PECL
A15, AN15
AF17, AE17
High-Speed Data Input Channel 15; True, Complement
PECL
A16, AN16
D15, E15
High-Speed Data Input Channel 16; True, Complement
PECL
A17, AN17
AH15, AJ15
High-Speed Data Input Channel 17; True, Complement
PECL
A18, AN18
B15, A15
High-Speed Data Input Channel 18; True, Complement
PECL
A19, AN19
AF15, AE15
High-Speed Data Input Channel 19; True, Complement
PECL
A20, AN20
D13, E13
High-Speed Data Input Channel 20; True, Complement
PECL
A21, AN21
AH13, AJ13
High-Speed Data Input Channel 21; True, Complement
PECL
A22, AN22
B13, A13
High-Speed Data Input Channel 22; True, Complement
PECL
A23, AN23
AF13, AE13
High-Speed Data Input Channel 23; True, Complement
PECL
A24, AN24
D11, E11
High-Speed Data Input Channel 24; True, Complement
PECL
A25, AN25
AH11, AJ11
High-Speed Data Input Channel 25; True, Complement
PECL
A26, AN26
B11, A11
High-Speed Data Input Channel 26; True, Complement
PECL
A27, AN27
AF11, AE11
High-Speed Data Input Channel 27; True, Complement
PECL
A28, AN28
D9, E9
High-Speed Data Input Channel 28; True, Complement
PECL
A29, AN29
AH9, AJ9
High-Speed Data Input Channel 29; True, Complement
PECL
A30, AN30
B9, A9
High-Speed Data Input Channel 30; True, Complement
PECL
A31, AN31
AF9, AE9
High-Speed Data Input Channel 31; True, Complement
PECL
A32, AN32
D7, E7
High-Speed Data Input Channel 32; True, Complement
PECL
A33, AN33
AH7, AJ7
High-Speed Data Input Channel 33; True, Complement
PECL
A34, AN34
B7, A7
High-Speed Data Input Channel 34; True, Complement
PECL
A35, AN35
AF7, AE7
High-Speed Data Input Channel 35; True, Complement
PECL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com