Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6552V02D Datasheet(PDF) 12 Page - STMicroelectronics

Part # VS6552V02D
Description  VGA Color CMOS Image Sensor Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6552V02D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VS6552V02D Datasheet HTML 8Page - STMicroelectronics VS6552V02D Datasheet HTML 9Page - STMicroelectronics VS6552V02D Datasheet HTML 10Page - STMicroelectronics VS6552V02D Datasheet HTML 11Page - STMicroelectronics VS6552V02D Datasheet HTML 12Page - STMicroelectronics VS6552V02D Datasheet HTML 13Page - STMicroelectronics VS6552V02D Datasheet HTML 14Page - STMicroelectronics VS6552V02D Datasheet HTML 15Page - STMicroelectronics VS6552V02D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
VS6552
12/26
Table 13. vLVDS Interface AC Electrical Characteristics
Table 14. vLVDS TIming Characteristics
Figure 5. VisionLink AC timing
Symbol
Parameter description
Min.
Typ.
Max.
Unit
Vod
Differential voltage swinga,b
a.Supplies of VDIG = 1.8 V and VANA = 2.8 V, Temperature = 25 °C
b.Measured over a 100 Ohm load
100
150
200
mV
Vcm
Common mode voltage (self biasing)
0.8
0.9
1.0
V
RO
Output Impedance
40
140
W
IDR
Drive current range (internally set by bias
circuit)
0.5
1.5
2
mA
Symbol
Parameter
Min.
Typ.
Max.
Unit
fPCLKP/
PCLKN
PCLKP/PCLKN clock frequency
-
-
120
MHz
tPCLKP/
PCLKN
PCLKP/PCLKN clock period
8.3
-
100
ns
PCLKP/PCLKN duty cycle
26
-
74
%
tLOW
Low period of PCLKP/PCLKN
1.66
-
ns
tHIGH
High period of PCLKP/PCLKN
1.66
-
ns
tRISE
Rise time of PDATAP/PDATAN, PCLKP/
PCLKN
0.3
-
0.5
ns
tFALL
Fall time of PDATAP/PDATAN, PCLKP/
PCLKN
0.3
-
0.5
ns
tHD;DAT
Data hold time
3
-
-
ns
tSU;DAT
Data set-up time
1
-
-
ns
PDATAP/
PDATAN
PCLKP/
PCLKN
VDIG/2
VDIG / 2
tHD;DAT
tSU;DAT
tFALL
tHIGH
tRISE
tLOW
tPCLKP/PCLKN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com