Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3500SC Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # P3500SC
Description  Thyristor Surge Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

P3500SC Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  P3500SC Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd P3500SC Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd P3500SC Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd P3500SC Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd P3500SC Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd P3500SC Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Thyristor Surge Suppressors -PxxxxSX Series
Thermal Considerations
Surge Ratings
Series
Peak Pilse Current-lpp(A)
2/10µs
8/20µs
10/160µs
10/560µs
10/1000µs
A
200
150
100
60
50
B
250
250
150
100
80
C
500
400
200
120
100
Package
Symbol
Parameter
Value
Unit
TJ
Operating Junction Temperature
-40 to +150
℃
TS
Storage Temperature Range
-40 to +150
℃
RθJA
Junction to Ambient on printed circuit
90
℃
/W
DO-214AA
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:20170301-P1
Thyristor Surge Suppressors -PxxxxSX Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com