Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3KBP005M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 3KBP005M
Description  Glass Passivated Single-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

3KBP005M Datasheet(HTML) 2 Page - Vishay Siliconix

  3KBP005M Datasheet HTML 1Page - Vishay Siliconix 3KBP005M Datasheet HTML 2Page - Vishay Siliconix 3KBP005M Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
2
Document Number 88888
03-Dec-04
VISHAY
3KBP005M thru 3KBP08M
Vishay Semiconductors
Electrical Characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Thermal Characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Notes:
(1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with, 0.47 x 0.47" (12 x12 mm) copper pads.
Ratings and Characteristics Curves
(TA = 25 °C unless otherwise noted)
Parameter
Test condition
Symbols
3KBP
005M
3KBP
01M
3KBP
02M
3KBP
04M
3KBP
06M
3KBP
08M
Units
Maximum instantaneous
forward voltage drop per leg
at 3.0 A
VF
1.05
V
Maximum DC reverse current
at rated DC blocking voltage
per leg
TA = 25 °C
TA = 125 °C
IR
5.0
500
µA
Typical junction capacitance
per leg
at 4.0 V,
1 MHz
CJ
25
pF
Parameter
Symbols
3KBP
005M
3KBP
01M
3KBP
02M
3KBP
04M
3KBP
06M
3KBP
08M
Units
Typical thermal resistance per leg (1)
RθJA
RθJL
30
11
°C/W
Figure 1. Forward Current Derating Curve
TA - Ambient Temperature (°C)
0
20
40
60
80
100
120
140
160
0
1
2
3
4
WITH HEAT SINK
WITHOUT HEAT SINK
60 HZ Resistive or
Induction Load
Heat Sink Mounting:
3.0 x 3.0 x 0.11” Thick
(7.5 x 7.5 x 0.3 cm) Al. Plate
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Per Leg
Number of Cycles at 60 HZ
1
10
100
0
20
40
60
80
100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com