Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD00CFW Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # CD00CFW
Description  DC Solid-State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CD00CFW Datasheet(HTML) 3 Page - Willow Technologies Ltd

  CD00CFW Datasheet HTML 1Page - Willow Technologies Ltd CD00CFW Datasheet HTML 2Page - Willow Technologies Ltd CD00CFW Datasheet HTML 3Page - Willow Technologies Ltd CD00CFW Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2002 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
CD 43
CD\072002\Q1
Series CD
SHORT CIRCUIT SPECIFICATIONS
(CD20CD AND CD21CD)
Min
Typ
Max Units
Surge Current (See Fig. 7 and Note 6)
2.4
Adc
ENVIRONMENTAL SPECIFICATIONS
Min
Typ
Max Units
Temperature Range
Operating
-55
+105
°C
Storage
-55
+125
°C
Vibration, 100 g
10
3000
Hz
Constant Acceleration
5000
g
Shock, 0.5 ms
1500
g
TABLE 1: STATUS OUTPUT TRUTH TABLE
(CD01CF AND CD21CD)
Control Voltage
Output Status
Status Output Level
High
Off
High (V
SO = VSTATUS)
Low
On
Low (V
SO) ≤ 0.3 Vdc)
INPUT CURRENT VS VOLTAGE
FIGURE 2 (SEE NOTE 4)
LOAD CURRENT DERATING CURVE
FIGURE 3
WIRING CONFIGURATIONS
FIGURE 1 (SEE NOTE 8)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com