Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD01CFW Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # CD01CFW
Description  DC Solid-State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CD01CFW Datasheet(HTML) 1 Page - Willow Technologies Ltd

  CD01CFW Datasheet HTML 1Page - Willow Technologies Ltd CD01CFW Datasheet HTML 2Page - Willow Technologies Ltd CD01CFW Datasheet HTML 3Page - Willow Technologies Ltd CD01CFW Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2002 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
CD 41
CD\072002\Q1
2A, 60Vdc Optically Isolated, Short-Circuit Protected
DC Solid-State Relay
FEATURES
•Available with short circuit/current
overload protection
• Available with input status monitor
• TTL and CMOS compatible control
• Low ON resistance power FET output
• Fast switching speed
• Meets 28 Vdc system requirements of
MIL-STD-704
• Optical isolation
• Low profile hermetic ceramic package
• Built and tested to the requirements of
MIL-PRF-28750
DESCRIPTION
This all solid-state relay utilizes the
latest technology to provide a low ON
resistance. The control (input) and load
(output) are optically isolated to protect
input logic circuits from voltage and
current transients which can occur on
the output supply. The optical isolation
also provides a full floating output, thus
allowing the load to be connected to
either output terminal. The control circuit
is buffered to enable the relay to be
driven directly from standard CMOS or
open
collector
TTL
logic
circuits.
Available options include short circuit
and current overload protection, which
provides complete protection for both
the relay and the system wiring. This
feature not only provides protection
should a short or overload occur while
the relay is on, but will also provide
protection should the relay be switched
into a short. In either case, the relay will
sense the short circuit condition and
then block it indefinitely until the short is
removed and the unit is reset by cycling
the input control. The second option is a
status output, which provides a built-in-
test function. This feature checks the
input circuitry of the relay and provides a
logic (0) low when the input circuit is
turned on and operational. Both options
are
available
either
together
or
separately as standard features.
Series CD
Part*
DESC Drawing
Relay Description
Number
Number
CD00CFW
Basic Solid-State Relay (SSR)
CD00CFY
90091-008
CD01CFW
SSR with Control Status
CD01CFY
90091-006
CD20CDW
SSR with Short-Circuit Protection
CD20CDY
90091-004
CD21CDW
SSR with Short-Circuit Protection
CD21CDY
90091-002
and Control Status
* The Y suffix denotes parameters tested to MIL-PRF-28750 specifications.
The W suffix denotes parameters tested to Teledyne specifications.
For surface mount (SMT), add “S” prefix to part number. Example:
SCD00CFW
ELECTRICAL SPECIFICATIONS
(-55°C TO +105°C UNLESS OTHERWISE NOTED)
INPUT (CONTROL) SPECIFICATION
When used in 2 terminal configuration
(TTL or direct control) (See Fig. 1)
Min
Typ
Max Units
Input Current @ V
IN = 5 Vdc (See Fig. 2)
14
15
mA
Turn-Off Voltage (Guaranteed Off)
1.5
Vdc
Turn-On Voltage (Guaranteed On)
3.8
Vdc
Reverse Voltage Protection
-32
Vdc
Input Supply Range (See Note 4)
3.8
6
Vdc
INPUT (CONTROL) SPECIFICATION
When used in 3 terminal configuration
(CMOS or open collector TTL) (See Fig. 1)
Min
Typ
Max Units
Control Current
V
CONTROL = 5 Vdc
250
µA
V
CONTROL = 18 Vdc
1
mA
Control Voltage Range
0
18
Vdc
Bias Supply Voltage (See Note 4)
3.8
6
Vdc
Bias Supply Current @ V
BIAS = 5 Vdc
14
15
mA
Turn-Off Voltage (Guaranteed Off)
3.2
Vdc
Turn-On Voltage (Guaranteed On)
0.3
Vdc


Similar Part No. - CD01CFW

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CD01CFW TELEDYNE-CD01CFW Datasheet
494Kb / 4P
2A, 60Vdc Optically isolated, Shot -Circuit protected DC Solid-State Relay
CD01CFW TELEDYNE-CD01CFW Datasheet
746Kb / 4P
2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
More results

Similar Description - CD01CFW

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SCC10506 CELDUC-SCC10506 Datasheet
263Kb / 2P
DC Solid State Relay
SGD15100 CELDUC-SGD15100 Datasheet
120Kb / 3P
DC SOLID STATE RELAY
SPD03505 CELDUC-SPD03505 Datasheet
73Kb / 2P
DC Solid State Relay
STD03205 CELDUC-STD03205 Datasheet
73Kb / 2P
DC Solid State Relay
STD03505 CELDUC-STD03505 Datasheet
74Kb / 2P
DC Solid State Relay
logo
Willow Technologies Ltd
KD44CF WILLOW-KD44CF Datasheet
296Kb / 4P
DC Solid-State Relay
M33-2N WILLOW-M33-2N Datasheet
140Kb / 2P
DC Solid-State Relay
logo
celduc-relais
SPD07505 CELDUC-SPD07505 Datasheet
212Kb / 2P
DC Solid State Relay
STD03510 CELDUC-STD03510 Datasheet
184Kb / 2P
DC Solid State Relay
STD07205 CELDUC-STD07205 Datasheet
647Kb / 2P
DC Solid State Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com