Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SERIESF Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # SERIESF
Description  Low Profile PCB Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

SERIESF Datasheet(HTML) 2 Page - Willow Technologies Ltd

  SERIESF Datasheet HTML 1Page - Willow Technologies Ltd SERIESF Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I T A L I A N A
R E L E' S r l.
- Via dei Bravi, 40
I-20032 CORMANO - Italy
Tel (+39) 02 6140851- Fax (+39) 02 6140339 - E-mail: rele@rele.it - www.rele.it
COIL CHARACTERISTICS
Resistance values at 20°C ambient temp.
(1) Make & maintaining only - max 0.5 sec.
ORDERING INFORMATION
F31 - 24 DC - S - 5
1
2
3
4
Tolerance on Resistance: + 10%
1 – Relay type: F31 - F51 - F52 - F61
2 – Coil supply voltage: AC or DC
3 – Contact configuration:
S = changeover (standard)
L = normally open (on request)
Power supply voltages:
12-24-48-110 VDC
24-115-230 VAC
Rated power: 400 to 500 mW (DC);
0.6 to 0.9 VA (AC)
Operating range:
-20% to +85% of nominal (DC)
-20% to +30% of nominal (AC)
Minimum hold voltage:
60% of nominal (DC)
80% of nominal (AC)
Must release voltage:
5% of nominal (DC)
10% of nominal (AC)
Thermic insulation class of winding
(IEC 317): F (155°C)
4 – Alternative contact material:
None = standard Silver/ Nickel (Ag-Ni)
4 = Silver/ Tin Oxide (Ag-SnO)
5 = Gold plated silver (Ag-Ni + 3µ Au)
Group 3 and 4 of code can be normally
omitted, concerning special types available
only on request for agreed min. quantities.
DC
AC
Rated
Voltage
V
Rated
Current
mA
Resistance R
Ω
Rated
Voltage
V
Rated
Current
mA
Resistance R
Ω
12
33
360
-
-
-
24
16.7
1440
24
30
350
48
8.3
5520
-
-
-
110
4.1
26530
115
7.7
8100
230
-
-
230
3.4
32500
CONTACT CHARACTERISTICS
F31
F52
F61
Maximum power rating (AC1) :
3000
2000
4000
VA
Rated current :
12
8
16
A
Rated voltage (AC / DC) :
250 / 30
250 / 30
250 / 30
V
Maximum switched voltage (AC / DC) :
250 / 110
250 / 110
250 / 110
V
Maximum instantaneous current
(1) :
15
10
20
A
Maximum contact resistance (new contact) : (@ 6VDC - 1A)
50
50
50
mΩ
Minimum switched load : (V / mA min.)
300 (5/5)
300 (5/5)
300 (5/5)
mW
Standard material
Ag-Ni
Ag-Ni
Ag-Ni
90%-10%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com